Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5588ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP5588ACPZ-R7
Description  Keypad I/O Expander
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5588ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP5588ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ADP5588
Rev. A | Page 22 of 28
Table 39. CMP_CONFG_SENS2—Register 0x32 (Sensor 2 Comparator Configuration Register)
Field
Bit
Description
[7:6]
Not used.
FILT (2-0)
[5:3]
Programs the number of consecutive measurements required to transition the L2 and L3 levels.
FILT
Number Required
Approximate Time (sec)
000
1
0.08
001
2
0.16
010
4
0.32
011
8
0.64
100
16
1.28
101
32
2.56
110
64
5.12
111
128
10.24
FORCE_RD
2
1: Forces a read of the light sensor; reset by the internal state machine after conversion is complete and
L2_OUT and L3_OUT are valid.1
L3_EN
1
1: Enables the L3 comparator for Sensor 2 input.
0: Disables the L3 comparator for Sensor 2 input.
L2_EN
0
1: Enables the L3 comparator for Sensor 2 input.
0: Disables the L3 comparator for Sensor 2 input.
Note that the L3 comparator has priority over the L2 comparator.
1 When the software forces a conversion, the state machine clears the forced bit after the conversion is complete and the proper registers have been updated.
Table 40. CMP1_LVL2_TRIP—Register 0x33 (L2 Light Sensor Reference Level (Output Falling for Sensor 1)
Field
Bit
Description
L2_T7 to L2_T0
[7:0]
Sensor 1 comparator Level 2 (Office) reference. If the comparator input is below this trip point, the
comparator trips and enters Level 2 (office) mode and L2_OUT is set. The programmable range is from 0 μA
to 1000 μA (0 lux to 2550 lux) in steps of 4 μA.
Table 41. CMP1_LVL2_HYS—Register 0x34 (L2 Light Sensor Hysteresis (Active When Output Rising) for Sensor 1)
Field
Bit
Description
L2_H7 to L2_H0
[7:0]
Sensor 1 comparator Level 2 (Office) hysteresis. If the comparator input is above L2_TRP + L2_HYS, the
comparator trips and enters Level 1 (outdoor) mode and L2_OUT is cleared. The programmable range is from
0 μA to 1000 μA (0 lux to 2550 lux) in steps of 4 μA.
Table 42. CMP1_LVL3_TRIP—Register 0x35 (L3 Light Sensor Reference Level (Output Falling for Sensor 1)
Field
Bit
Description
L3_T7 to L3_T0
[7:0]
Sensor 1 comparator Level 3 (Dark) reference. If the comparator input is below L3_TRP, the comparator trips
and enters Level 3 (dark) mode and L3_OUT is set. The programmable range is from 0 μA to 127.5 μA (0 lux to
318.75 lux) in steps of 0.5 μA.
Table 43. CMP1_LVL3_HYS—Register 0x36 (L3 Light Sensor Hysteresis (Active When Output Rising) for Sensor 1)
Field
Bit
Description
L3_H
[7:0]
Sensor 1 comparator Level 3 (Dark) hysteresis. If the comparator input is above L3_TRP + L3_HYS, the
comparator trips and enters Level 2 (office) mode and L3_OUT is cleared. The programmable range is from
0 μA to 127.5 μA (0 lux to 318.75 lux) in steps of 0.5 μA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com