Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5588ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP5588ACPZ-R7
Description  Keypad I/O Expander
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5588ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP5588ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
ADP5588
Rev. A | Page 17 of 28
Table 20. INT_STAT—Register 0x02 (Interrupt Status Register)
Field
Bit
Description
CMP2_INT
5
Comparator interrupt status. When set, write 1 to clear.
1: Comparator 2 interrupt is detected.
0: Comparator 2 interrupt is not detected.
CMP1_INT
4
Comparator interrupt status. When set, write 1 to clear.
1: Comparator 1 interrupt is detected.
0: Comparator 1 interrupt is not detected.
OVR_FLOW_INT1
3
Overflow interrupt status. When set, write 1 to clear.
1: Overflow interrupt is detected.
0: Overflow interrupt is not detected.
K_LCK_INT2
2
Keylock interrupt status. When set, write 1 to clear.
1: Keylock interrupt is detected.
0: Keylock interrupt is not detected.
GPI_INT1, 3
1
GPI interrupt status. When set, write 1 to clear.
1: GPI interrupt is detected.
0: GPI interrupt is not detected.
KE_INT1, 3
0
Key events interrupt status. When set, write 1 to clear.
1: Key events interrupt is detected.
0: Key events interrupt is not detected.
1 The KE_INT, GPI_INT, and OVR_FLOW_INT bits reflect the status of the interrupts when the interrupt types are enabled even if the processor interrupt is masked.
2 The K_LCK_INT bit is the interrupt to the processor when the keypad lock sequence is triggered.
3 If there is a pending key event or GPI interrupt in their respective registers, KE_INT does not clear until the FIFO is empty, and the GPI_INT bit does not clear until the
cause of the interrupt is resolved. The host must write a 1 to the INT bits to clear.
Table 21. KEY_LCK_EC_STAT—Register 0x03 (Keylock and Event Counter Register)
Field
Bit
Description
K_LCK_EN
[6]
0: Lock feature is disabled.
1: Lock feature is enabled.
LCK2, LCK1
[5:4]
Keypad lock status[1:0] (00 = unlocked; 11 = locked; read only bits).
KEC1
[3:0]
Key event count of key event register.
1 The KEC bit indicates the key event count of key event registers that have values in the bit (KEC(0000) = 0 events, KEC(0001) = 1 event, KEC(1010) = 10 events. As the
key events are read and cleared, the state machine automatically reduces the event count on KEC.
Table 22. KEY_EVENTx—Register 0x04 to Register 0x0D (Key Event Register A to Key Event Register J)1
Register Name
Register Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
KEY_EVENTA
(Register 0x04)
Key Event Register A status (KE[6:0] = Key number),
KP[7] = 0: released, 1: pressed (cleared on read)
KA7
KA6
KA5
KA4
KA3
KA2
KA1
KA0
KEY_EVENTB
(Register 0x05)
Key Event Register B status (KE[6:0] = Key number),
KP[7 ]= 0: released, 1: pressed (cleared on read)
KB7
KB6
KB5
KB4
KB3
KB2
KB1
KB0
KEY_EVENTC
(Register 0x06)
Key Event Register C status (KE[6:0] = Key number),
KP[7] = 0: released, 1: pressed (cleared on read)
KC7
KC6
KC5
KC4
KC3
KC2
KC1
KC0
KEY_EVENTD
(Register 0x07)
Key Event Register B status (KE[6:0] = Key number),
KP[7] = 0: released, 1: pressed (cleared on read)
KD7
KD6
KD5
KD4
KD3
KD2
Kd1
KD0
KEY_EVENTE2
(Register 0x08)
Key Event Register B status (KE[6:0] = Key number),
KP[7]= 0: released, 1: pressed (cleared on read)
KE7
KE6
KE5
KE4
KE3
KE2
KE1
KE0
KEY_EVENTF
(Register 0x09)
Key Event Register B status (KE[6:0] = Key number),
KP[7] = 0: released, 1: pressed (cleared on read)
KF7
KF6
KF5
KF4
KF3
KF2
KF1
KF0
KEY_EVENTG
(Register 0x0A)
Key Event Register B status (KE[6:0] = Key number),
KP[7] = 0: released, 1: pressed (cleared on read)
KG7
KG6
KG5
KG4
KG3
KG2
KG1
KG0
KEY_EVENTH
(Register 0x0B)
Key Event Register B status (KE[6:0] = Key number),
KP[7] = 0: released, 1: pressed (cleared on read)
KH7
KH6
KH5
KH4
KH3
KH2
KH1
KH0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com