Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS612 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS612
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS612 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TS612 Datasheet HTML 3Page - STMicroelectronics TS612 Datasheet HTML 4Page - STMicroelectronics TS612 Datasheet HTML 5Page - STMicroelectronics TS612 Datasheet HTML 6Page - STMicroelectronics TS612 Datasheet HTML 7Page - STMicroelectronics TS612 Datasheet HTML 8Page - STMicroelectronics TS612 Datasheet HTML 9Page - STMicroelectronics TS612 Datasheet HTML 10Page - STMicroelectronics TS612 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8/11
ADSL CONCEPT
Asymmetric Digital Subscriber Line (ADSL), is a
new modem technology, which converts the exist-
ing twisted-pair telephone lines into access paths
for multimedia and high speed data communica-
tions.
ADSL transmits more than 8 Mbps to a subscriber,
and can reach 1Mbps from the subscriber to the
central office. ADSL can literally transform the ac-
tual public information network by bringing mov-
ies, television, video catalogs, remote CD-ROMs,
LANs, and the Internet into homes.
An ADSL modem is connected to a twisted-pair
telephone line, creating three information chan-
nels: a high speed downstream channel (up to
1.1MHz) depending on the implementation of the
ADSL architecture, a medium speed upstream
channel (up to 130kHz) and a POTS (Plain Old
Telephone Service), split off from the modem by
filters.
THE LINE INTERFACE - ADSL Remote
Terminal (RT):
The Figure1 shows a typical analog line interface
used for ADSL. The upstream and downstream
signals are separated from the telephone line by
using an hybrid circuit and a line transformer. On
this note, the accent will be made on the emission
path.
The TS612 is used as a dual line driver for the up-
stream signal.
For the remote terminal it is required to create an
ADSL modem easy to plug in a PC. In such an ap-
plication, the driver should be implemented with a
+12 volts single power supply. This +12V supply is
available on PCI connector of purchase.
The figure 2 shows a single +12V supply circuit
that uses the TS612 as a remote terminal trans-
mitter in differential mode.
The driver is biased with a mid supply (nominaly
+6V), in order to maintain the DC component of
the signal at +6V. This allows the maximum dy-
namic range between 0 and +12 V. Several op-
tions are possible to provide this bias supply (such
as a virtual ground using an operational amplifier),
such as a two-resistance divider which is the
cheapest solution. A high resistance value is re-
quired to limit the current consumption. On the
other hand, the current must be high enough to
bias the inverting input of the TS612. If we consid-
er this bias current (5
µA) as the 1% of the current
through the resistance divider (500
µA) to keep a
stable mid supply, two 47k
Ω resistances can be
used.
The input provides two high pass filters with a
break frequency of about 1.6kHz which is neces-
sary to remove the DC component of the input sig-
nal. To avoid DC current flowing in the primary of
the transformer, an output capacitor is used. The
Figure 1 : Typical ADSL Line Interface
impedance
matching
twisted-pair
telephone
line
HYBRID
CIRCUIT
digital
treatment
LP filter
TS612
Line Driver
reception
(analog)
emission
(analog)
digital to
analog
analog to
digital
high output
current
reception
circuits
upstream
downstream
Figure 2 : TS612 as a differential line driver with
a +12V single supply
R1
R3
R2
Vi
Vi
Vo
Vo
3
2
9
8
19
12
4,5,6,7,14,15,16,17,18
GND
20
+12V
25
Ω
100Ω
1:2
Hybrid
&
Transformer
GND
+12V
47k
47k
10µ
100n
100n
100n
1k
1k
12.5
12.5
10n
1µ
11
+12V
+
_
+
_
TYPICAL APPLICATION : TS612 AS DRIVER
FOR ADSL LINE INTERFACES
A SINGLE SUPPLY IMPLEMENTATION WITH PASSIVE
OR ACTIVE IMPEDANCE MATCHING
by C. PRUGNE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com