Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS612 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS612
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS612 Datasheet(HTML) 4 Page - STMicroelectronics

  TS612 Datasheet HTML 1Page - STMicroelectronics TS612 Datasheet HTML 2Page - STMicroelectronics TS612 Datasheet HTML 3Page - STMicroelectronics TS612 Datasheet HTML 4Page - STMicroelectronics TS612 Datasheet HTML 5Page - STMicroelectronics TS612 Datasheet HTML 6Page - STMicroelectronics TS612 Datasheet HTML 7Page - STMicroelectronics TS612 Datasheet HTML 8Page - STMicroelectronics TS612 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TS612
4/11
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max
Unit
NOISE AND DISTORTION
en
Equivalent Input Noise Voltage
f = 100kHz
3
nV/
√Hz
in
Equivalent Input Noise Current
f = 100kHz
1.2
pA/
√Hz
THD
Total Harmonic Distortion
Vout = 4Vpp, f = 100kHz
AVCL = -10
RL = 25Ω//15pF
-69
dB
HD2-10
2nd Harmonic Distortion
Vout = 4Vpp, f = 100kHz
AVCL = -10
Load =25
Ω//15pF
-70
dBc
HD2+2
2nd Harmonic Distortion
Vout = 4Vpp, f = 100kHz
AVCL = +2
Load =25
Ω//15pF
-74
dBc
HD3+2
3rd Harmonic Distortion
Vout = 4Vpp, f = 1MHz
AVCL = +2
Load =25
Ω//15pF
-79
dBc
HD3-10
3rd Harmonic Distortion
Vout = 4Vpp, f = 100kHz
AVCL = -10
Load =25
Ω//15pF
-80
dBc
IM2-10
2nd Order Intermodulation Product
F1 = 80kHz, F2 = 70kHz
Vout = 8Vpp, AVCL = -10
Load = 25
Ω//15pF
-77
dBc
IM3-10
3rd Order Intermodulation Product
F1 = 80kHz, F2 = 70kHz
Vout = 8Vpp, AVCL = -10
Load = 25
Ω//15pF
-77
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com