Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS612 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS612
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS612 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS612 Datasheet HTML 3Page - STMicroelectronics TS612 Datasheet HTML 4Page - STMicroelectronics TS612 Datasheet HTML 5Page - STMicroelectronics TS612 Datasheet HTML 6Page - STMicroelectronics TS612 Datasheet HTML 7Page - STMicroelectronics TS612 Datasheet HTML 8Page - STMicroelectronics TS612 Datasheet HTML 9Page - STMicroelectronics TS612 Datasheet HTML 10Page - STMicroelectronics TS612 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TS612
10/11
By identification of both equations (2) and (3), the
synthesized impedance is, with Rs1=Rs2=Rs:
Unlike the level Vo° required for a passive imped-
ance, Vo° will be smaller than 2Vo in our case. Let
us write Vo°=kVo with k the matching factor vary-
ing between 1 and 2. Assuming that the current
through R3 is negligeable, it comes the following
resistance divider:
After choosing the k factor, Rs will equal to
1/2RL(k-1).
A good impedance matching assumes:
From (4) and (5) it becomes:
By fixing an arbitrary value for R2, (6) gives:
Finally, the values of R2 and R3 allow us to extract
R1 from (1), and it comes:
with GL the required gain.
CAPABILITIES
The table below shows the calculated compo-
nents
for different values of k. In this case
R2=1000
Ω and the gain=16dB. The last column
displays the maximum amplitude level on the line
regarding the TS612 maximum output capabilities
(18Vpp diff.) and a 1:2 line transformer ratio.
MEASUREMENT OF THE POWER
CONSUMPTION IN THE ADSL APPLICATION
Conditions:
Passive impedance matching
Transformer turns ratio: 2
Maximun level required on the line: 12.4Vpp
Maximum output level of the driver: 12.4Vpp
Crest factor: 5.3 (Vp/Vrms)
The TS612 power consumption during emission
on 900 and 4550 meter twisted pair telephone
lines: 450mW
Figure 5 : Equivalent schematic. Ro is the syn-
thesized impedance
Ro
Rs
1
R2
R3
-------
–
----------------- 4
()
,
=
Ro
Vi.Gi
Iout
1/2
RL
Ro
kVoRL
RL
2Rs1
+
---------------------------
=
Ro
1
2
---RL 5
()
,
=
R2
R3
-------
1
2Rs
RL
---------- 6
()
,
–
=
R3
R2
1
2Rs
RL
----------
–
-------------------
=
R1
2R2
21
R2
R3
-------
–


GL
1
–
R2
R3
-------
–
--------------------------------------------------------- 7
()
,
=
GL (gain for the
loaded system)
GL is fixed for the application requirements
GL=Vo/Vi=0.5(1+2R2/R1+R2/R3)/(1-R2/R3)
R1
2R2/[2(1-R2/R3)GL-1-R2/R3]
R2 (=R4)
Abritrary fixed
R3 (=R5)
R2/(1-Rs/0.5RL)
Rs
0.5RL(k-1)
Active matching
k
R1
(
Ω)
R3
(
Ω)
Rs
(
Ω)
TS612 Output
Level to get
12.4Vpp on
the line
(Vpp diff)
Maximum
Line level
(Vpp diff)
1.3
820
1500
3.9
8
27.5
1.4
490
1600
5.1
8.7
25.7
1.5
360
2200
6.2
9.3
25.3
1.6
270
2400
7.5
9.9
23.7
1.7
240
3300
9.1
10.5
22.3
Passive matching
12.4
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com