Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS612 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TS612
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS612 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TS612 Datasheet HTML 3Page - STMicroelectronics TS612 Datasheet HTML 4Page - STMicroelectronics TS612 Datasheet HTML 5Page - STMicroelectronics TS612 Datasheet HTML 6Page - STMicroelectronics TS612 Datasheet HTML 7Page - STMicroelectronics TS612 Datasheet HTML 8Page - STMicroelectronics TS612 Datasheet HTML 9Page - STMicroelectronics TS612 Datasheet HTML 10Page - STMicroelectronics TS612 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TS612
9/11
1
µF capacitance provides a path for low frequen-
cies, the 10nF capacitance provides a path for
high end of the spectrum.
In differential mode the TS612 is able to deliver a
typical amplitude signal of 18V peak to peak.
The dynamic line impedance is 100
Ω. The typical
value of the amplitude signal required on the line
is up to 12.4V peak to peak. By using a 1:2 trans-
former ratio the reflected impedance back to the
primary will be a quarter (25
Ω) and therefore the
amplitude of the signal required with this imped-
ance will be the half (6.2 V peak to peak). Assum-
ing the 25
Ω series resistance (12.5Ω for both out-
puts) necessary for impedance matching, the out-
put signal amplitude required is 12.4 V peak to
peak. This value is acceptable for the TS612. In
this case the load impedance is 25
Ω for each driv-
er.
For the ADSL upstream path, a lowpass filter is
absolutely necessary to cutoff the higher frequen-
cies from the DAC analog output. In this simple
non-inverting amplification configuration, it will be
easy to implement a Sallen-Key lowpass filter by
using the TS612. For ADSL over POTS, a maxi-
mum frequency of 135kHz is reached. For ADSL
over ISDN, the maximum frequency will be
276kHz.
INCREASING THE LINE LEVEL BY USING AN
ACTIVE IMPEDANCE MATCHING
With passive matching, the output signal ampli-
tude of the driver must be twice the amplitude on
the load. To go beyond this limitation an active
maching impedance can be used. With this tech-
nique it is possible to keep good impedance
matching with an amplitude on the load higher
than the half of the ouput driver amplitude. This
concept is shown in figure3 for a differential line.
Component calculation:
Let us consider the equivalent circuit for a single
ended configuration, figure4.
Let us consider the unloaded system. Assuming
the currents through R1, R2 and R3
as respectively:
As Vo° equals Vo without load, the gain in this
case becomes :
The gain, for the loaded system will be (1):
As shown in figure5, this system is an ideal gener-
ator with a synthesized impedance as the internal
impedance of the system. From this, the output
voltage becomes:
with Ro the synthesized impedance and Iout the
output current. On the other hand Vo can be ex-
pressed as:
Figure 3 : TS612 as a differential line driver with
an active impedance matching
R1
R4
R2
Vi
Vi
Vo
Vo
25
Ω
100Ω
1:2
Hybrid
&
Transformer
GND
+12V
47k
47k
10µ
100n
100n
100n
1k
1k
12.5
12.5
10n
1µ
R3
R5
Vo°
Vo°
9
8
19
12
4,5,6,7,14,15,16,17,18
GND
20
+12V
11
+12V
+
_
+
_
3
2
Figure 4 : Single ended equivalent circuit
1/2R1
R2
R3
+
_
Vi
Vo
Rs1
-1
Vo°
1/2RL
2Vi
R1
---------
Vi
Vo
°
–
()
R2
--------------------------and
Vi
Vo
+
()
R3
------------------------
,
G
Vo noload
()
Vi
-------------------------------
1
2R2
R1
-----------
R2
R3
-------
++
1
R2
R3
-------
–
-----------------------------------
==
GL
Vo withload
()
Vi
------------------------------------
1
2
---
1
2R2
R1
-----------
R 2
R 3
-------
++
1
R2
R3
-------
–
----------------------------------- 1
()
,
==
Vo
ViG
()
RoIout
()
–
=
2
()
,
Vo
Vi 1
2R2
R1
-----------
R2
R3
-------
++


1
R2
R3
-------
–
-----------------------------------------------
Rs1Iout
1
R2
R3
-------
–
--------------------- 3
()
,
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com