Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS612 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS612
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS612 Datasheet(HTML) 1 Page - STMicroelectronics

  TS612 Datasheet HTML 1Page - STMicroelectronics TS612 Datasheet HTML 2Page - STMicroelectronics TS612 Datasheet HTML 3Page - STMicroelectronics TS612 Datasheet HTML 4Page - STMicroelectronics TS612 Datasheet HTML 5Page - STMicroelectronics TS612 Datasheet HTML 6Page - STMicroelectronics TS612 Datasheet HTML 7Page - STMicroelectronics TS612 Datasheet HTML 8Page - STMicroelectronics TS612 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
s LOW NOISE : 3nV/
√Hz, 1.2pA/√Hz
s HIGH OUTPUT CURRENT : 200mA
s VERY LOW HARMONIC AND INTERMODU-
LATION DISTORTION
s HIGH SLEW RATE : 40V/
µs
s SPECIFIED FOR 25
Ω LOAD
DESCRIPTION
The TS612 is a dual operational amplifier featur-
ing a high output current (200mA min.), large
gain-bandwidth product (130MHz) and capable of
driving a 25
Ω load with a 160mA output current at
±6V power supply.
This device is particularly intended for applications
where multiple carriers must be amplified simulta-
neously with very low intermodulation products.
The TS612 is housed in SO20 batwing plastic
package for a very low thermal resistance.
The TS612 is fitted out with Power Down function
in order to decrease the consumption.
APPLICATION
s UPSTREAM line driver for Assymetric Digital
Subscriber Line (ADSL) (NT).
ORDER CODE
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
PIN CONNECTIONS (top view)
Part Number
Temperature Range
Package
D
TS612ID
-40, +85°C
•
D
SO-20 Batwing
(Plastic Micropackage)
Top view
Vcc+ 1
Inverting input 1
Non-inverting input 1
Vcc+ 2
Vcc -
Vcc -
Power Down 2
Non-Inverting input 2
Inverting input 2
GND
Vcc -
Vcc -
Vcc -
Vcc -
Vcc -
Vcc -
Power Down 1
Vcc-
Output 1
Output 2
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
_
+
_
+
TS612
DUAL WIDE BAND OPERATIONAL AMPLIFIER
WITH HIGH OUTPUT CURRENT
May 2000


Similar Part No. - TS612

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS612 STMICROELECTRONICS-TS612 Datasheet
135Kb / 10P
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
Dec-2002
TS612 STMICROELECTRONICS-TS612 Datasheet
212Kb / 9P
STMicroelectronics Solutions for ADSL Line Interfaces
logo
Bothhand USA, LP.
TS6120 BOTHHAND-TS6120 Datasheet
185Kb / 1P
10 /100 BASE-T PULSE TRANSFORMER
TS6120A BOTHHAND-TS6120A Datasheet
183Kb / 1P
10 /100 BASE-T PULSE TRANSFORMER
TS6121 BOTHHAND-TS6121 Datasheet
184Kb / 1P
10/100 BASE-T ISOLATION TRANSFORMER
More results

Similar Description - TS612

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33076 ONSEMI-MC33076 Datasheet
213Kb / 12P
DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
1996 REV 0
logo
STMicroelectronics
TS613 STMICROELECTRONICS-TS613 Datasheet
89Kb / 2P
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
Rev 1
TS615 STMICROELECTRONICS-TS615 Datasheet
982Kb / 27P
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
Dec-2002
TS616 STMICROELECTRONICS-TS616 Datasheet
2Mb / 27P
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
Dec-2002
TS612 STMICROELECTRONICS-TS612_02 Datasheet
135Kb / 10P
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
Dec-2002
TS613 STMICROELECTRONICS-TS613_02 Datasheet
142Kb / 10P
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
Dec-2002
TS615 STMICROELECTRONICS-TS615_04 Datasheet
905Kb / 36P
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
Dec-2004
TS616 STMICROELECTRONICS-TS616_07 Datasheet
665Kb / 36P
Dual wide band operational amplifier with high output current
16-Apr-2007
TS616 STMICROELECTRONICS-TS616_08 Datasheet
1Mb / 37P
Dual wide band operational amplifier with high output current
26-Sep-2008
logo
Texas Instruments
ALM2402F-Q1 TI1-ALM2402F-Q1 Datasheet
543Kb / 23P
Automotive, Dual Operational Amplifier With High Current Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com