Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS612 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS612
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS612 Datasheet(HTML) 3 Page - STMicroelectronics

  TS612 Datasheet HTML 1Page - STMicroelectronics TS612 Datasheet HTML 2Page - STMicroelectronics TS612 Datasheet HTML 3Page - STMicroelectronics TS612 Datasheet HTML 4Page - STMicroelectronics TS612 Datasheet HTML 5Page - STMicroelectronics TS612 Datasheet HTML 6Page - STMicroelectronics TS612 Datasheet HTML 7Page - STMicroelectronics TS612 Datasheet HTML 8Page - STMicroelectronics TS612 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TS612
3/11
ELECTRICAL CHARACTERISTICS V
CC = ±6Volts, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max
Unit
DC PERFORMANCE
Vio
Input Offset Voltage
Tamb
-6
-1
6
mV
Tmin. < Tamb < Tmax.
10
∆V
io
Differential Input Offset Voltage
Tamb = 25°C
6mV
Iio
Input Offset Current
Tamb
0.2
3
µA
Tmin. < Tamb < Tmax.
5
Iib
Input Bias Current
Tamb
515
µA
Tmin. < Tamb < Tmax.
30
CMR
Common Mode Rejection Ratio
Vic = 2V to 2V, Tamb
90
108
dB
Tmin. < Tamb < Tmax.
70
SVR
Supply Voltage Rejection Ratio
Vic = ±6V to ±4V, Tamb
70
88
dB
Tmin. < Tamb < Tmax.
50
ICC
Total Supply Current per Operator
No load, Vout = 0
14
mA
DYNAMIC PERFORMANCE
VOH
High Level Output Voltage
Iout = 160mA
RL connected to GND
4
4.5
V
VOL
Low Level Output Voltage
Iout = 160mA
RL connected to GND
-4.5
-4
V
AVD
Large Signal Voltage Gain
Vout = 7V peak
RL = 25Ω, Tamb
6500
11000
V/V
Tmin. < Tamb < Tmax.
5000
GBP
Gain Bandwidth Product
AVCL = +11, f = 20MHz
RL = 100Ω
80
130
MHz
SR
Slew Rate
AVCL = +7, RL = 50Ω
23
40
V/
µs
Iout
Output Short Circuit Current
±320
mA
Isink
Output Sink Current
Vic = ±6V, Tamb
+200
mA
Tmin. < Tamb < Tmax.
+180
Isource
Output Source Current
Vic = ±6V, Tamb
-200
mA
Tmin. < Tamb < Tmax.
-180
ΦM14
Phase Margin at AVCL = 14dB
RL = 25Ω//15pF
60
°
ΦM6
Phase Margin at AVCL = 6dB
RL = 25Ω//15pF
40
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com