Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS612 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS612
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS612 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS612 Datasheet HTML 2Page - STMicroelectronics TS612 Datasheet HTML 3Page - STMicroelectronics TS612 Datasheet HTML 4Page - STMicroelectronics TS612 Datasheet HTML 5Page - STMicroelectronics TS612 Datasheet HTML 6Page - STMicroelectronics TS612 Datasheet HTML 7Page - STMicroelectronics TS612 Datasheet HTML 8Page - STMicroelectronics TS612 Datasheet HTML 9Page - STMicroelectronics TS612 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TS612
6/11
INTERMODULATION DISTORTION
The curves shown below are the measurements results of a single operator wired as an adder with a gain
of 15dB.
The operational amplifier is supplied by a symmetric
±6V and is loaded with 25Ω.
Two synthesizers (Rhode & Schwartz SME) generate two frequencies (tones) (70 & 80kHz or 180 &
280kHz).
An HP3585 spectrum analyzer measures the spurious level at different frequencies.
The curves are traced for different output levels (the value in the X ax is the value of each tone).
The output levels of the two tones are the same.
The generators and spectrum analyzer are phase locked to enhance measurement precision.
3rd ORDER INTERMODULATION
(2 tones : 70kHz and 80kHz)
2nd ORDER INTERMODULATION
Spurious measurement @ 100kHz
(2 tones : 180kHz and 280kHz)
3rd ORDER INTERMODULATION
(2 tones : 180kHz and 280kHz)
1
1,5
2
2,5
33,5
44,5
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Vout peak (V)
230kHz
220kHz
90kHz
60kHz
Vout peak (V)
1,522,5
33,5
44,5
-70
-65
-60
-55
1
1,522,533,5
4
4,5
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Vout peak (V)
80kHz
640kHz
380kHz
740kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com