Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8313CVRAFDA Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MPC8313CVRAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313CVRAFDA Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MPC8313CVRAFDA Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
Freescale Semiconductor
33
Ethernet: Three-Speed Ethernet, MII Management
8.4
eTSEC IEEE 1588 AC Specifications
Figure 19 provides the data and command output timing diagram.
Figure 19. eTSEC IEEE 1588 Output AC Timing
Figure 20 provides the data and command input timing diagram.
Figure 20. eTSEC IEEE 1588 Input AC Timing
The IEEE 1588 AC timing specifications are in Table 36.
Table 36. eTSEC IEEE 1588 AC Timing Specifications
At recommended operating conditions with L/TVDD of 3.3 V ± 5%.
Parameter/Condition
Symbol
Min
Typ
Max
Unit
Notes
TSEC_1588_CLK clock period
tT1588CLK
3.8
—
TRX_CLK × 9ns
1, 3
TSEC_1588_CLK duty cycle
tT1588CLKH/tT1588CLK
40
50
60
%
TSEC_1588_CLK peak-to-peak
jitter
tT1588CLKINJ
——
250
ps
Rise time eTSEC_1588_CLK
(20%–80%)
tT1588CLKINR
1.0
—
2.0
ns
Fall time eTSEC_1588_CLK
(80%–20%)
tT1588CLKINF
1.0
—
2.0
ns
TSEC_1588_CLK_OUT clock
period
tT1588CLKOUT
2
× tT1588CLK
——
ns
TSEC_1588_CLK_OUT duty cycle
tT1588CLKOTH
/tT1588CLKOUT
30
50
70
%
TSEC_1588_PULSE_OUT
tT1588OV
0.5
—
3.0
ns
TSEC_1588_CLK_OUT
TSEC_1588_PULSE_OUT
TSEC_1588_TRIG_OUT
tT1588OV
tT1588CLKOUT
tT1588CLKOUTH
Note: The output delay is count starting rising edge if tT1588CLKOUT is non-inverting. Otherwise, it is
count starting falling edge.
TSEC_1588_CLK
TSEC_1588_TRIG_IN
tT1588TRIGH
tT1588CLK
tT1588CLKH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com