Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8313CVRAFDA Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # MPC8313CVRAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313CVRAFDA Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button MPC8313CVRAFDA Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
82
Freescale Semiconductor
Thermal
20.3
Example Clock Frequency Combinations
Table 69 shows several possible frequency combinations that can be selected based on the indicated input
reference frequencies, with RCWLR[LBCM] = 0 and RCWLR[DDRCM] =1, such that the LBC operates
with a frequency equal to the frequency of csb_clk and the DDR controller operates at twice the frequency
of csb_clk.
21 Thermal
This section describes the thermal specifications of the MPC8313E.
21.1
Thermal Characteristics
Table 70 provides the package thermal characteristics for the 516, 27
× 27 mm TEPBGAII.
Table 69. System Clock Frequencies
LBC(lbc_clk)
e300 Core(core_clk)
SYS_
CLK_IN/
PCI_CLK
SPMF1
1 System PLL multiplication factor.
VCOD2
2 System PLL VCO divider.
VCO3
3 When considering operating frequencies, the valid core VCO operating range of 400–800 MHz must not be violated.
CSB
(
csb_clk)4
4 Due to erratum eTSEC40, csb_clk frequencies of less than 133 MHz do not support gigabit Ethernet data rates. The core
frequency must be 333 MHz for gigabit Ethernet operation. This erratum will be fixed in revision 2 silicon.
DDR
(ddr_clk)
/2
/4
/8
USB
ref5
5 Frequency of USB PLL input reference.
× 1
× 1.5 × 2 × 2.5 × 3
25.0
6
2
600.0
150.0
300.0
—
37.5
18.8
Note 6
6 USB reference clock must be supplied from a separate source as it must be 24 or 48 MHz, the USB reference must be
supplied from a separate external source using USB_CLK_IN.
150.0
225
300
375
—
25.0
5
2
500.0
125.0
250.0
62.5 31.25 15.6
Note 6
125.0
188
250
313
375
33.3
5
2
666.0
166.5
333.0
—
41.63 20.8
Note 6
166.5
250
333
—
—
33.3
4
2
532.8
133.2
266.4
66.6
33.3
16.7
Note 6
133.2
200
266
333
400
48.0
3
2
576.0
144.0
288.0
—
36
18.0
48.0
144.0
216
288
360
—
66.7
2
2
533.4
133.3
266.7
66.7 33.34 16.7
Note 6
133.3
200
267
333
400
Table 70. Package Thermal Characteristics for TEPBGAII
Characteristic
Board Type
Symbol
TEPBGA II
Unit
Notes
Junction-to-ambient natural convection
Single layer board (1s)
RθJA
25
°C/W
1, 2
Junction-to-ambient natural convection
Four layer board (2s2p)
RθJA
18
°C/W
1, 2, 3
Junction-to-ambient (@200 ft/min)
Single layer board (1s)
RθJMA
20
°C/W
1, 3
Junction-to-ambient (@200 ft/min)
Four layer board (2s2p)
RθJMA
15
°C/W
1, 3
Junction-to-board
—
RθJB
10
°C/W
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com