Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8313CVRAFDA Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # MPC8313CVRAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313CVRAFDA Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button MPC8313CVRAFDA Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
Freescale Semiconductor
59
GPIO
Figure 51 provides the AC test load for the Timers.
Figure 51. Timers AC Test Load
16 GPIO
This section describes the DC and AC electrical specifications for the GPIO.
16.1
GPIO DC Electrical Characteristics
Table 56 provides the DC electrical characteristics for the GPIO when the GPIO pins are operating from
a 3.3-V supply.
Table 57 provides the DC electrical characteristics for the GPIO when the GPIO pins are operating from
a 2.5-V supply.
Table 56. GPIO (When Operating at 3.3 V) DC Electrical Characteristics1
1 This specification only applies to GPIO pins that are operating from a 3.3-V supply. See Table 63 for the power supply listed
for the individual GPIO signal.
Characteristic
Symbol
Condition
Min
Max
Unit
Output high voltage
VOH
IOH = –8.0 mA
2.4
—
V
Output low voltage
VOL
IOL = 8.0 mA
—
0.5
V
Output low voltage
VOL
IOL =3.2 mA
—
0.4
V
Input high voltage
VIH
—2.0
NVDD +0.3
V
Input low voltage
VIL
—
–0.3
0.8
V
Input current
IIN
0V
≤ VIN ≤ NVDD
—
±5
μA
Table 57. GPIO (When Operating at 2.5 V) DC Electrical Characteristics1
Parameters
Symbol
Conditions
Min
Max
Unit
Supply voltage 2.5 V
NVDD
—
2.37
2.63
V
Output high voltage
VOH
IOH = –1.0 mA
NVDD = min
2.00
NVDD + 0.3
V
Output low voltage
VOL
IOL = 1.0 mA
NVDD = min
VSS – 0.3
0.40
V
Input high voltage
VIH
—NVDD = min
1.7
NVDD + 0.3
V
Input low voltage
VIL
—NVDD = min
–0.3
0.70
V
Input high current
IIH
VIN = NVDD
—10
μA
Output
Z0 = 50 Ω
NVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com