Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8313CVRAFDA Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # MPC8313CVRAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313CVRAFDA Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button MPC8313CVRAFDA Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
76
Freescale Semiconductor
Package and Pin Listings
VSS
B1,B2,B8,B9,B16,B17,C1,
C2,C3,C4,C5,C24,C25,
C26,D3,D4,D12,D13,D20,
D21,F8,F11,F13,F16,F17,
F21,G2,G25,H2,H6,H21,
H25,L4,L6,L11,L12,L13,
L14,L15,L16,L21,L23,M4,
M11,M12,M13,M14,M15,
M16,M23,N6,N11,N12,
N13,N14,N15,N16,
N21,N23,P11,P12,P13,
P14,P15,P16,P23,P25,
R11,R12,R13,R14,R15,
R16,R25,T6,T11,T12,T13,
T14,T15,T16,T21,T25,U5,
U6,U21,W4,W23,Y4,Y23,
AA8,AA11,AA13,AA16,
AA17,AA21,AC4,AC5,
AC12,AC13,AC20,AC21,
AD1,AE2,AE8,AE9,AE16,
AE17,AF2
——
XCOREVDD
T1,U2,V2
Core power for
SerDes
transceivers
(1.0 V)
—
XCOREVSS
P2,R2,T3
—
—
XPADVDD
P5,U4
Pad power for
SerDes
transceivers
(1.0 V)
—
XPADVSS
P3,V4
—
—
Notes:
1. This pin is an open drain signal. A weak pull-up resistor (1 k
Ω) should be placed on this pin to NVDD.
2. This pin is an open drain signal. A weak pull-up resistor (2–10 k
Ω) should be placed on this pin to NVDD.
3. This output is actively driven during reset rather than being three-stated during reset.
4. These JTAG pins have weak internal pull-up P-FETs that are always enabled.
5. This pin should have a weak pull up if the chip is in PCI host mode. Follow PCI specifications recommendation.
6. This pin must always be tied to VSS.
7. Internal thermally sensitive resistor, resistor value varies linearly with temperature. Useful for determining the junction
temperature.
8. 1588 signals are available on these pins only in MPC8313 Rev 2.x or later.
9. LB_POR_CFG_BOOT_ECC_DIS is available only in MPC8313 Rev 2.x or later.
Table 63. MPC8313E TEPBGAII Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com