Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8313CVRAFDA Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # MPC8313CVRAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313CVRAFDA Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button MPC8313CVRAFDA Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
Freescale Semiconductor
47
Enhanced Local Bus
Table 43 provides the USB clock input (USB_CLK_IN) DC timing specifications.
Table 44 provides the USB clock input (USB_CLK_IN) AC timing specifications.
11 Enhanced Local Bus
This section describes the DC and AC electrical specifications for the local bus interface.
11.1 Local Bus DC Electrical Characteristics
Table 45 provides the DC electrical characteristics for the local bus interface.
Table 43. USB_CLK_IN DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
Input high voltage
VIH
2.7
NVDD +0.3
V
Input low voltage
VIL
–0.3
0.4
V
Table 44. USB_CLK_IN AC Timing Specifications
Parameter/Condition
Conditions
Symbol
Min
Typ
Max
Unit
Frequency range
—
fUSB_CLK_IN
—24
48
MHz
Clock frequency tolerance
—
tCLK_TOL
–0.05
0
0.05
%
Reference clock duty cycle
Measured at 1.6 V
tCLK_DUTY
40
50
60
%
Total input jitter/time interval
error
Peak-to-peak value measured with a
second order high-pass filter of 500 kHz
bandwidth
tCLK_PJ
——
200
ps
Table 45. Local Bus DC Electrical Characteristics at 3.3 V
Parameter
Symbol
Min
Max
Unit
High-level input voltage for Rev 1.0
VIH
2.0
LVDD + 0.3
V
High-level input voltage for Rev 2.x or later
VIH
2.1
LVDD + 0.3
V
Low-level input voltage
VIL
–0.3
0.8
V
Input current, (VIN
1 = 0 V or V
IN = LVDD)IIN
—
±5
μA
High-level output voltage, (LVDD = min, IOH = –2 mA)
VOH
LVDD – 0.2
—
V
Low-level output voltage, (LVDD = min, IOH = 2 mA)
VOL
—0.2
V
Note: The parameters stated in above table are valid for all revisions unless explicitly mentioned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com