Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8313CVRAFDA Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # MPC8313CVRAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313CVRAFDA Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button MPC8313CVRAFDA Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
Freescale Semiconductor
89
System Design Information
The SDAVDD signal provides power for the analog portions of the SerDes PLL. To ensure stability of the
internal clock, the power supplied to the PLL is filtered using a circuit like the one shown in Figure 59.
For maximum effectiveness, the filter circuit should be placed as closely as possible to the SDAVDD ball
to ensure it filters out as much noise as possible. The ground connection should be near the SDAVDD ball.
The 0.003-µF capacitor is closest to the ball, followed by the two 2.2-µF capacitors, and finally the 1-
Ω
resistor to the board supply plane. The capacitors are connected from traces from SDAVDD to the ground
plane. Use ceramic chip capacitors with the highest possible self-resonant frequency. All traces should be
kept short, wide, and direct.
Figure 59. SerDes PLL Power Supply Filter Circuit
Note the following:
•SDAVDD should be a filtered version of XCOREVDD.
•
Output signals on the SerDes interface are fed from the XPADVDD power plane. Input signals and
sensitive transceiver analog circuits are on the XCOREVDD supply.
•
Power: XPADVDD consumes less than 300 mW; XCOREVDD +SDAVDD consumes less than
750 mW.
22.3
Decoupling Recommendations
Due to large address and data buses, and high operating frequencies, the device can generate transient
power surges and high frequency noise in its power supply, especially while driving large capacitive loads.
This noise must be prevented from reaching other components in the MPC8313E system, and the
MPC8313E itself requires a clean, tightly regulated source of power. Therefore, it is recommended that
the system designer place at least one decoupling capacitor at each VDD, NVDD, GVDD, LVDD, LVDDA,
and LVDDB pin of the device. These decoupling capacitors should receive their power from separate VDD,
NVDD, GVDD, LVDD, LVDDA, LVDDB, and VSS power planes in the PCB, utilizing short traces to
minimize inductance. Capacitors may be placed directly under the device using a standard escape pattern.
Others may surround the part.
These capacitors should have a value of 0.01 or 0.1 µF. Only ceramic SMT (surface mount technology)
capacitors should be used to minimize lead inductance, preferably 0402 or 0603 sizes.
In addition, it is recommended that there be several bulk storage capacitors distributed around the PCB,
feeding the VDD, NVDD, GVDD, LVDD, LVDDA, and LVDDB planes, to enable quick recharging of the
smaller chip capacitors. These bulk capacitors should have a low ESR (equivalent series resistance) rating
to ensure the quick response time necessary. They should also be connected to the power and ground
planes through two vias to minimize inductance. Suggested bulk capacitors—100 to 330 µF (AVX TPS
tantalum or Sanyo OSCON). However, customers should work directly with their power regulator vendor
for best values and types of bulk capacitors.
Note:
1. An 0805 sized capacitor is recommended for system initial bring-up.
XCOREVDD
SDAVDD
SDAVSS
2.2 µF1
0.003 µF
1.0
Ω
2.2 µF1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com