Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8313CVRAFDA Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # MPC8313CVRAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313CVRAFDA Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button MPC8313CVRAFDA Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
Freescale Semiconductor
79
Clocking
Table 65 provides the operating frequencies for the MPC8313E TEPBGAII under recommended operating
conditions (see Table 2).
20.1
System PLL Configuration
The system PLL is controlled by the RCWL[SPMF] parameter. Table 66 shows the multiplication factor
encodings for the system PLL.
Table 64. Configurable Clock Units
Unit
Default
Frequency
Options
TSEC1
csb_clk
Off,
csb_clk, csb_clk/2, csb_clk/3
TSEC2
csb_clk
Off,
csb_clk, csb_clk/2, csb_clk/3
Security Core, I2C, SAP, TPR
csb_clk
Off,
csb_clk, csb_clk/2, csb_clk/3
USB DR
csb_clk
Off,
csb_clk, csb_clk/2,
csb_clk/3
PCI and DMA complex
csb_clk
Off,
csb_clk
Table 65. Operating Frequencies for TEPBGAII
Characteristic1
Maximum
Operating Frequency
Unit
e300 core frequency (
core_clk)333
MHz
Coherent system bus frequency (
csb_clk)167
MHz
DDR1/2 memory bus frequency (MCK)2
167
MHz
Local bus frequency (LCLK
n)3
66
MHz
PCI input frequency (SYS_CLK_IN or PCI_CLK)
66
MHz
Notes:
1. The SYS_CLK_IN frequency, RCWL[SPMF], and RCWL[COREPLL] settings must be
chosen such that the resulting
csb_clk, MCK, LCLK[0:1], and core_clk frequencies do not
exceed their respective maximum or minimum operating frequencies. The value of
SCCR[ENCCM] and SCCR[USBDRCM] must be programmed such that the maximum
internal operating frequency of the security core and USB modules do not exceed their
respective value listed in this table.
2. The DDR data rate is 2x the DDR memory bus frequency.
3. The local bus frequency is 1/2, 1/4, or 1/8 of the
lbc_clk frequency (depending on
LCCR[CLKDIV]), which is in turn, 1x or 2x the
csb_clk frequency (depending on
RCWL[LBCM]).
Table 66. System PLL Multiplication Factors
RCWL[SPMF]
System PLL
Multiplication Factor
0000
Reserved
0001
Reserved
0010
× 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com