Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA159-EP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA159-EP
Description  PRECISION, GAIN OF 0.2 LEVEL TRANSLATION DIFFERENCE AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA159-EP Datasheet(HTML) 5 Page - Texas Instruments

  INA159-EP Datasheet HTML 1Page - Texas Instruments INA159-EP Datasheet HTML 2Page - Texas Instruments INA159-EP Datasheet HTML 3Page - Texas Instruments INA159-EP Datasheet HTML 4Page - Texas Instruments INA159-EP Datasheet HTML 5Page - Texas Instruments INA159-EP Datasheet HTML 6Page - Texas Instruments INA159-EP Datasheet HTML 7Page - Texas Instruments INA159-EP Datasheet HTML 8Page - Texas Instruments INA159-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
20k
Ω
40k
Ω
100k
Ω
2
3
7
5
OUT
1
8
6
V+
4
V
−
+5V
100k
Ω
40k
Ω
INA159
The test is performed by
measuring the output
with the reference
applied to alternate
reference resistors, and
calculating a result such
that the amplifier offset is
cancelled in the final
measurement.
INA159-EP
www.ti.com .......................................................................................................................................................................................... SBOS443 – NOVEMBER 2008
ELECTRICAL CHARACTERISTICS (continued)
Boldface limits apply over the specified temperature range, TA = –55°C to +125°C.
At TA = +25°C, RL = 10 kΩ connected to VS/2, REF pin 1 connected to ground, and REF pin 2 connected to VREF = 5 V,
unless otherwise noted.
INA159
PARAMETER
CONDITIONS
UNIT
MIN
TYP
MAX
Overload Recovery Time
50% Overdrive
250
ns
POWER SUPPLY
Specified Voltage Range
VS
+5
V
Operating Voltage Range
+1.8
+5.5
V
IO = 0 mA, VS = ±2.5 V, Reference
Quiescent Current
IQ
1.1
1.5
mA
and Input Pins Grounded
over Temperature
2.0
mA
TEMPERATURE RANGE
Specified Range
–55
+125
°C
Operating Range
–55
+125
°C
Storage Range
–65
+150
°C
Thermal Resistance
θJA
MSOP-8
Surface Mount
150
°C/W
Figure 2. Test Circuit for Reference Divider Accuracy
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): INA159-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com