Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA159-EP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA159-EP
Description  PRECISION, GAIN OF 0.2 LEVEL TRANSLATION DIFFERENCE AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA159-EP Datasheet(HTML) 1 Page - Texas Instruments

  INA159-EP Datasheet HTML 1Page - Texas Instruments INA159-EP Datasheet HTML 2Page - Texas Instruments INA159-EP Datasheet HTML 3Page - Texas Instruments INA159-EP Datasheet HTML 4Page - Texas Instruments INA159-EP Datasheet HTML 5Page - Texas Instruments INA159-EP Datasheet HTML 6Page - Texas Instruments INA159-EP Datasheet HTML 7Page - Texas Instruments INA159-EP Datasheet HTML 8Page - Texas Instruments INA159-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
SUPPORTS DEFENSE, AEROSPACE,
INA159-EP
www.ti.com .......................................................................................................................................................................................... SBOS443 – NOVEMBER 2008
PRECISION, GAIN OF 0.2 LEVEL
TRANSLATION DIFFERENCE AMPLIFIER
2
• Gain of 0.2 to Interface ±10-V Signals to
Single-Supply ADCs
The INA159 is a high slew rate, G = 1/5 difference
amplifier consisting of a precision op amp with a
• Gain Accuracy: ±0.024% (max)
precision resistor network. The gain of 1/5 makes the
• Wide Bandwidth: 1.5 MHz
INA159
useful
to
couple
±10-V
signals
to
• High Slew Rate: 15 V/µs
single-supply
analog-to-digital
converters
(ADCs),
• Low Offset Voltage: ±100 µV
particularly those operating on a single +5-V supply.
The on-chip resistors are laser-trimmed for accurate
• Low Offset Drift: ±1.5 µV/°C
gain and high common-mode rejection. Excellent
• Single-Supply Operation Down to 1.8 V
temperature coefficient of resistance (TCR) tracking
of
the
resistors
maintains
gain
accuracy
and
common-mode rejection over temperature. The input
common-mode voltage range extends beyond the
• Industrial Process Controls
positive and negative supply rails. It operates on a
• Instrumentation
total of 1.8-V to 5.5-V single or split supplies. The
• Differential to Single-Ended Conversion
INA159 reference input uses two resistors for easy
• Audio Line Receivers
mid-supply or reference biasing.
The difference amplifier is the foundation of many
commonly-used circuits. The INA159 provides this
AND MEDICAL APPLICATIONS
circuit function without using an expensive external
• Controlled Baseline
precision resistor network. The INA159 is available in
• One Assembly/Test Site
an MSOP-8 surface-mount package and is specified
for operation over the extended industrial temperature
• One Fabrication Site
range, –55°C to 125°C.
• Available in Military (–55°C/125°C)
Temperature Range(1)
• Extended Product Life Cycle
• Extended Product-Change Notification
• Product Traceability
(1)
Additional temperature ranges are available - contact factory
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - INA159-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA159-EP TI2-INA159-EP Datasheet
449Kb / 19P
Precision, Gain of 0.2 Level Translation DIFFERENCE AMPLIFIER
REVISED OCTOBER 2005
INA159-EP TI2-INA159-EP Datasheet
1Mb / 21P
PRECISION, GAIN OF 0.2 LEVEL TRANSLATION DIFFERENCE AMPLIFIER
NOVEMBER 2008
INA159-EP TI1-INA159-EP_16 Datasheet
933Kb / 20P
PRECISION, GAIN OF 0.2 LEVEL TRANSLATION DIFFERENCE AMPLIFIER
More results

Similar Description - INA159-EP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA145 BURR-BROWN-INA145 Datasheet
127Kb / 11P
Programmable Gain DIFFERENCE AMPLIFIER
logo
National Semiconductor ...
LMP8270 NSC-LMP8270 Datasheet
458Kb / 5P
High Common Mode, Gain of 20, Precision Voltage Difference Amplifiers
logo
Texas Instruments
INA159 TI-INA159 Datasheet
246Kb / 14P
Precision, Gain of 0.2 Level Translation DIFFERENCE AMPLIFIER
INA159 TI1-INA159_12 Datasheet
605Kb / 17P
Precision, Gain of 0.2 Level Translation
LMP8275 TI1-LMP8275 Datasheet
392Kb / 15P
Precision Voltage Difference Amplifier
INA145 TI1-INA145 Datasheet
330Kb / 15P
Programmable Gain DIFFERENCE AMPLIFIER
INA159 TI1-INA159_13 Datasheet
640Kb / 18P
Precision, Gain of 0.2 Level Translation DIFFERENCE AMPLIFIER
INA159-EP TI1-INA159-EP_16 Datasheet
933Kb / 20P
PRECISION, GAIN OF 0.2 LEVEL TRANSLATION DIFFERENCE AMPLIFIER
logo
Analog Devices
LT1997-1 AD-LT1997-1 Datasheet
1Mb / 30P
Precision, High Voltage, Gain Selectable Difference/Current Sense Amplifier
AD8271 AD-AD8271 Datasheet
381Kb / 20P
Programmable Gain Precision Difference Amplifier
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com