Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA159-EP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA159-EP
Description  PRECISION, GAIN OF 0.2 LEVEL TRANSLATION DIFFERENCE AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA159-EP Datasheet(HTML) 3 Page - Texas Instruments

  INA159-EP Datasheet HTML 1Page - Texas Instruments INA159-EP Datasheet HTML 2Page - Texas Instruments INA159-EP Datasheet HTML 3Page - Texas Instruments INA159-EP Datasheet HTML 4Page - Texas Instruments INA159-EP Datasheet HTML 5Page - Texas Instruments INA159-EP Datasheet HTML 6Page - Texas Instruments INA159-EP Datasheet HTML 7Page - Texas Instruments INA159-EP Datasheet HTML 8Page - Texas Instruments INA159-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
INA159-EP
www.ti.com .......................................................................................................................................................................................... SBOS443 – NOVEMBER 2008
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage
+5.5
V
Signal input terminals (
−IN and +IN), voltage
±30
V
Reference (REF 1 and REF2) and sense pins
Current
±10
mA
Voltage
(V–) – 0.5
(V+) + 0.5
V
Output short circuit
Continuous
Operating temperature
–55
+125
°C
Storage temperature
–65
+150
°C
Junction temperature
+150
°C
ESD rating
Human-Body Model
4000
V
Charged-Device Model
1000
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): INA159-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com