Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA159-EP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA159-EP
Description  PRECISION, GAIN OF 0.2 LEVEL TRANSLATION DIFFERENCE AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA159-EP Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA159-EP Datasheet HTML 2Page - Texas Instruments INA159-EP Datasheet HTML 3Page - Texas Instruments INA159-EP Datasheet HTML 4Page - Texas Instruments INA159-EP Datasheet HTML 5Page - Texas Instruments INA159-EP Datasheet HTML 6Page - Texas Instruments INA159-EP Datasheet HTML 7Page - Texas Instruments INA159-EP Datasheet HTML 8Page - Texas Instruments INA159-EP Datasheet HTML 9Page - Texas Instruments INA159-EP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TYPICAL CHARACTERISTICS
OFFSET VOLTAGE DRIFT PRODUCTION DISTRIBUTION
Offset Voltage Drift (
µV/_C)
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
Offset Voltage (
µV)
GAIN vs FREQUENCY
Frequency (Hz)
0
−10
−20
−30
−40
−50
100
1k
10k
100k
1M
10M
10
POWER−SUPPLY REJECTION RATIO vs FREQUENCY
Frequency (Hz)
130
120
110
100
90
80
70
60
50
40
30
20
10
0
−10
100
1k
10k
100k
1M
10M
10
COMMON−MODE REJECTION RATIO vs FREQUENCY
Frequency (Hz)
120
110
100
90
80
70
60
50
40
30
20
100
1k
10k
100k
1M
10M
10
QUIESCENT CURRENT vs TEMPERATURE
Temperature (
_C)
1.20
1.15
1.10
1.05
1.00
0.95
0.90
0.85
0.80
−25
0
25
50
75
100
125
−50
V
S = 5.5V
V
S = 1.8V
V
S = 5V
INA159-EP
SBOS443 – NOVEMBER 2008 .......................................................................................................................................................................................... www.ti.com
At TA = +25°C, RL = 10 kΩ connected to VS/2, REF pin 1 connected to ground, and REF pin 2 connected to VREF = 5 V,
unless otherwise noted.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): INA159-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com