Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA159-EP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # INA159-EP
Description  PRECISION, GAIN OF 0.2 LEVEL TRANSLATION DIFFERENCE AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA159-EP Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA159-EP Datasheet HTML 8Page - Texas Instruments INA159-EP Datasheet HTML 9Page - Texas Instruments INA159-EP Datasheet HTML 10Page - Texas Instruments INA159-EP Datasheet HTML 11Page - Texas Instruments INA159-EP Datasheet HTML 12Page - Texas Instruments INA159-EP Datasheet HTML 13Page - Texas Instruments INA159-EP Datasheet HTML 14Page - Texas Instruments INA159-EP Datasheet HTML 15Page - Texas Instruments INA159-EP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
20k
Ω
100k
Ω
40k
Ω
100k
Ω
40k
Ω
R
1
100
Ω
REF
V
REF
5V
+IN
−IN
V+
V+
GND
C
1
1000pF
SENSE
REF 2
REF 1
V
IN
+IN
−IN
INA159
a) Unipolar, Noninverting, G = 0.2
20k
Ω
100k
Ω
40k
Ω
100k
Ω
40k
Ω
R
1
100
Ω
REF
V
REF
5V
+IN
−IN
V+
V+
GND
C
1
1000pF
SENSE
REF 2
REF 1
V
IN
+IN
−IN
INA159
b) Bipolar, Noninverting, G = 0.2
20k
Ω
100k
Ω
40k
Ω
100k
Ω
40k
Ω
R
1
100
Ω
ADC
ADC
ADC
REF
V
REF
5V
+IN
−IN
V+
V+
GND
C
1
1000pF
SENSE
REF 2
REF 1
+IN
−IN
INA159
c) Unipolar, Unity Gain
V
IN
INA159-EP
SBOS443 – NOVEMBER 2008 .......................................................................................................................................................................................... www.ti.com
Figure 5. Basic INA159 Configurations
12
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): INA159-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com