Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA159-EP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA159-EP
Description  PRECISION, GAIN OF 0.2 LEVEL TRANSLATION DIFFERENCE AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA159-EP Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA159-EP Datasheet HTML 3Page - Texas Instruments INA159-EP Datasheet HTML 4Page - Texas Instruments INA159-EP Datasheet HTML 5Page - Texas Instruments INA159-EP Datasheet HTML 6Page - Texas Instruments INA159-EP Datasheet HTML 7Page - Texas Instruments INA159-EP Datasheet HTML 8Page - Texas Instruments INA159-EP Datasheet HTML 9Page - Texas Instruments INA159-EP Datasheet HTML 10Page - Texas Instruments INA159-EP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
SHORT−CIRCUIT CURRENT vs TEMPERATURE
Temperature (
_C)
120
100
80
60
40
20
0
−20
−40
−60
−80
−100
−25
0
25
50
75
100
125
−50
V
S = ±2.75V
V
S = ±2.75V
V
S = ± 0.9V
V
S = ±2.5V
V
S = ±2.5V
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
Output Current (mA)
3.0
2.5
2.0
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
−2.5
−3.0
10
20
30
40
50
60
70
80
90
0
V
S = ± 0.9V
V
S = ± 2.5V
T
A = +25_ C
T
A = +125_ C
T
A =
+125_ C
T
A = −40_ C
T
A = −40_ C
TOTAL HARMONIC DISTORTION + NOISE
vs FREQUENCY
Frequency (Hz)
0.01
0.001
100
1k
10k
100k
10
0.25V
PP
4V
PP
2k
Ω
600
Ω
OUTPUT VOLTAGE NOISE SPECTRAL DENSITY
vs FREQUENCY
Frequency (Hz)
1000
100
10
10
100
1k
10k
100k
1
0.1Hz TO 10Hz NOISE
Time (1s/div)
SMALL−SIGNAL OVERSHOOT vs LOAD CAPACITANCE
Load Capacitance (pF)
60
50
40
30
20
10
0
1000
3000
100
V
S = 5V
INA159-EP
www.ti.com .......................................................................................................................................................................................... SBOS443 – NOVEMBER 2008
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, RL = 10 kΩ connected to VS/2, REF pin 1 connected to ground, and REF pin 2 connected to VREF = 5 V,
unless otherwise noted.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): INA159-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com