Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA159-EP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA159-EP
Description  PRECISION, GAIN OF 0.2 LEVEL TRANSLATION DIFFERENCE AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA159-EP Datasheet(HTML) 2 Page - Texas Instruments

  INA159-EP Datasheet HTML 1Page - Texas Instruments INA159-EP Datasheet HTML 2Page - Texas Instruments INA159-EP Datasheet HTML 3Page - Texas Instruments INA159-EP Datasheet HTML 4Page - Texas Instruments INA159-EP Datasheet HTML 5Page - Texas Instruments INA159-EP Datasheet HTML 6Page - Texas Instruments INA159-EP Datasheet HTML 7Page - Texas Instruments INA159-EP Datasheet HTML 8Page - Texas Instruments INA159-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
20k
Ω
100k
Ω
40k
Ω
100k
Ω
40k
Ω
R
1
100
Ω
ADS8325
ADC
D
OUT
DCLOCK
CS
REF
V
REF
5V
+IN
−IN
V+
V+
GND
C
1
1000pF
SENSE
REF 2
REF 1
V
IN
+IN
−IN
INA159
REF 1
−IN
+IN
V
−
REF 2
V+
OUT
SENSE
1
2
3
4
8
7
6
5
INA159
TOP VIEW
MSOP
INA159-EP
SBOS443 – NOVEMBER 2008 .......................................................................................................................................................................................... www.ti.com
Figure 1. Typical Application
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
ORDERABLE PART
PACKAGE
TEMPERATURE
PACKAGE LEAD
TOP-SIDE MARKING
NUMBER(2)
DESIGNATOR
-55°C to 125°C
INA159AMDGKTEP
MSOP-8 Tape and reel
DGK
OAA
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): INA159-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com