Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4364 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS4364
Description  103 dB, 192 kHz 6-Channel D/A Converter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4364 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS4364 Datasheet HTML 5Page - Cirrus Logic CS4364 Datasheet HTML 6Page - Cirrus Logic CS4364 Datasheet HTML 7Page - Cirrus Logic CS4364 Datasheet HTML 8Page - Cirrus Logic CS4364 Datasheet HTML 9Page - Cirrus Logic CS4364 Datasheet HTML 10Page - Cirrus Logic CS4364 Datasheet HTML 11Page - Cirrus Logic CS4364 Datasheet HTML 12Page - Cirrus Logic CS4364 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
DS619F1
9
CS4364
DAC ANALOG CHARACTERISTICS
Test Conditions (unless otherwise indicated): VA = VLS = VLC = 5 V; VD = 2.5 V; TA = 25 °C; Full-Scale 997 Hz
input sine wave (Note 1); Tested under max ac-load resistance; Valid with FILT+ and VQ capacitors as shown in
“Typical Connection Diagram” on page 18; Measurement Bandwidth 10 Hz to 20 kHz.
Notes:
1.
One-half LSB of triangular PDF dither is added to data.
2.
Performance limited by 16-bit quantization noise.
3.
VFS is tested under load RL and includes attenuation due to ZOUT
Parameters
Symbol
Min
Typ
Max
Unit
FS = 48 kHz, 96 kHz, 192 kHz and DSD
Dynamic Range
24-bit
A-weighted
unweighted
16-bit
A-weighted
(Note 2) unweighted
97
94
-
-
103
100
97
94
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
24-bit
-0 dB
-20 dB
-60 dB
(Note 2) 16-bit
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-88
-80
-40
-88
-74
-34
-82
-74
-34
-
-
-
dB
dB
dB
dB
dB
dB
Idle Channel Noise / Signal-to-noise ratio
-
100
-
dB
Interchannel Isolation
(1 kHz)
-
110
-
dB
DC Accuracy
Interchannel Gain Mismatch
-
0.1
-
dB
Gain Drift
-
100
-
ppm/°
C
Analog Output
Full Scale Differential-
PCM, DSD processor
Output Voltage (Note 3)
Direct DSD Mode
VFS
64%•VA
47%•VA
66%•VA
48%•VA
68%•VA
49%•VA
Vpp
Vpp
Output Impedance
ZOUT
-
130
-
Ω
Max DC Current draw from an AOUT pin
IOUTmax
-1.0
-
mA
Min AC-Load Resistance
RL
-3
-
k
Ω
Max Load Capacitance
CL
-
100
-
pF
Quiescent Voltage
VQ
-
50% VA
-VDC
Max Current draw from VQ
IQMAX
-10
-
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com