Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4364 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS4364
Description  103 dB, 192 kHz 6-Channel D/A Converter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4364 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS4364 Datasheet HTML 29Page - Cirrus Logic CS4364 Datasheet HTML 30Page - Cirrus Logic CS4364 Datasheet HTML 31Page - Cirrus Logic CS4364 Datasheet HTML 32Page - Cirrus Logic CS4364 Datasheet HTML 33Page - Cirrus Logic CS4364 Datasheet HTML 34Page - Cirrus Logic CS4364 Datasheet HTML 35Page - Cirrus Logic CS4364 Datasheet HTML 36Page - Cirrus Logic CS4364 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
DS619F1
33
CS4364
6. REGISTER DESCRIPTION
Note:
All registers are read/write in I²C Mode and write only in SPI, unless otherwise noted.
6.1
Chip Revision (Address 01h)
6.1.1
Part Number ID (PART) [Read Only]
01100 - CS4364
6.1.2
Revision ID (REV) [Read Only]
000 - Revision A0
001 - Revision B0
Function:
This read-only register can be used to identify the model and revision number of the device.
6.2
Mode Control 1 (Address 02h)
6.2.1
Control Port Enable (CPEN)
Default = 0
0 - Disabled
1 - Enabled
Function:
This bit defaults to 0, allowing the device to power-up in Stand-Alone Mode. The Control Port Mode can
be accessed by setting this bit to 1. This will allow the operation of the device to be controlled by the reg-
isters and the pin definitions will conform to Control Port Mode. To accomplish a clean power-up, the user
should write this bit within 10 ms following the release of Reset.
6.2.2
Freeze Controls (FREEZE)
Default = 0
0 - Disabled
1 - Enabled
Function:
This function allows modifications to be made to the registers without the changes taking effect until the
FREEZE is disabled. To make multiple changes in the Control port registers take effect simultaneously,
enable the FREEZE Bit, make all register changes, then Disable the FREEZE bit.
7
6
5
432
10
PART4
PART3
PART2
PART1
PART0
REV2
REV1
REV0
01
10
0
-
-
-
7
6
5
432
10
CPEN
FREEZE
DSD/PCM
Reserved
DAC3_DIS
DAC2_DIS
DAC1_DIS
PDN
0
0
0
000
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com