Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4364 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS4364
Description  103 dB, 192 kHz 6-Channel D/A Converter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4364 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS4364 Datasheet HTML 6Page - Cirrus Logic CS4364 Datasheet HTML 7Page - Cirrus Logic CS4364 Datasheet HTML 8Page - Cirrus Logic CS4364 Datasheet HTML 9Page - Cirrus Logic CS4364 Datasheet HTML 10Page - Cirrus Logic CS4364 Datasheet HTML 11Page - Cirrus Logic CS4364 Datasheet HTML 12Page - Cirrus Logic CS4364 Datasheet HTML 13Page - Cirrus Logic CS4364 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
10
DS619F1
CS4364
POWER AND THERMAL CHARACTERISTICS
Notes:
4.
Current consumption increases with increasing FS within a given speed mode and is signal dependant. Max
values are based on highest FS and highest MCLK.
5.
ILC measured with no external loading on the SDA pin.
6.
Power Down Mode is defined as RST pin = Low with all clock and data lines held static.
7.
Valid with the recommended capacitor values on FILT+ and VQ as shown in Figures 6 and 7.
Parameters
Symbol
Min
Typ
Max
Units
Power Supplies
Power Supply Current
normal operation, VA= 5 V
(Note 4)
VD= 2.5 V
(Note 5) Interface current, VLC=5 V
VLS=5 V
(Note 6) power-down state (all supplies)
IA
ID
ILC
ILS
Ipd
-
-
-
-
-
63
18
2
84
200
69
22
-
-
-
mA
mA
µA
µA
µA
Power Dissipation (Note 4)
VA = 5V, VD = 2.5V
normal operation
(Note 6) power-down
-
-
360
1
400
-
mW
mW
Package Thermal Resistance
multi-layer
dual-layer
θJA
θJA
θJC
-
-
-
48
65
15
-
-
-
°C/Watt
°C/Watt
°C/Watt
Power Supply Rejection Ratio (Note 7)
(1 kHz)
(60 Hz)
PSRR
-
-
60
40
-
-
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com