Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4364 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS4364
Description  103 dB, 192 kHz 6-Channel D/A Converter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4364 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS4364 Datasheet HTML 10Page - Cirrus Logic CS4364 Datasheet HTML 11Page - Cirrus Logic CS4364 Datasheet HTML 12Page - Cirrus Logic CS4364 Datasheet HTML 13Page - Cirrus Logic CS4364 Datasheet HTML 14Page - Cirrus Logic CS4364 Datasheet HTML 15Page - Cirrus Logic CS4364 Datasheet HTML 16Page - Cirrus Logic CS4364 Datasheet HTML 17Page - Cirrus Logic CS4364 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
14
DS619F1
CS4364
SWITCHING CHARACTERISTICS - PCM
(Inputs: Logic 0 = GND, Logic 1 = VLS, CL = 30 pF)
Notes:
14. After powering up, RST should be held low until after the power supplies and clocks are settled.
15. See Tables 1 - 3 for suggested MCLK frequencies.
Parameters
Symbol
Min
Max
Units
RST pin Low Pulse Width
(Note 14)
1-
ms
MCLK Frequency
1.024
55.2
MHz
MCLK Duty Cycle
(Note 15)
45
55
%
Input Sample Rate - LRCK (Manual selection)
Single-Speed Mode
Double-Speed Mode
Quad-Speed Mode
Fs
Fs
Fs
4
50
100
54
108
216
kHz
kHz
kHz
Input Sample Rate - LRCK (Auto detect)
Single-Speed Mode
Double-Speed Mode
Quad-Speed Mode
Fs
Fs
Fs
4
84
170
54
108
216
kHz
kHz
kHz
LRCK Duty Cycle
45
55
%
SCLK Duty Cycle
45
55
%
SCLK High Time
tsckh
8-
ns
SCLK Low Time
tsckl
8-
ns
LRCK Edge to SCLK Rising Edge
tlcks
5-
ns
SCLK Rising Edge to LRCK Falling Edge
tlckd
5-
ns
SDIN Setup Time Before SCLK Rising Edge
tds
3-
ns
SDIN Hold Time After SCLK Rising Edge
tdh
5-
ns
SDINx
t
ds
SCLK
LRCK
MSB
t
dh
t
sckh
t
sckl
t
lcks
MSB-1
Figure 1. Serial Audio Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com