Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4364 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS4364
Description  103 dB, 192 kHz 6-Channel D/A Converter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4364 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS4364 Datasheet HTML 15Page - Cirrus Logic CS4364 Datasheet HTML 16Page - Cirrus Logic CS4364 Datasheet HTML 17Page - Cirrus Logic CS4364 Datasheet HTML 18Page - Cirrus Logic CS4364 Datasheet HTML 19Page - Cirrus Logic CS4364 Datasheet HTML 20Page - Cirrus Logic CS4364 Datasheet HTML 21Page - Cirrus Logic CS4364 Datasheet HTML 22Page - Cirrus Logic CS4364 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
DS619F1
19
CS4364
VLS
CS4364
MCLK
VD
AOUT1
8
32
0.1 µF
+
1 µF
+2.5 V
SDIN1
9
1 µF
0.1 µF
+
+
20
21
FILT+
CMOUT
7
6
LRCK
SCLK
SDIN3
SDIN2
39
0.1 µF
47 µF
V
A
0.1 µF
+
1 µF
0.1 µF
+1.8 V to +5 V
+5 V
4
43
13
AOUT2
38
AOUT3
35
AOUT4
34
AOUT5
29
AOUT6
28
Analog Conditioning
and Muting
11
31
GND
GND
5
VLC
0.1 µF
+1.8 V to +5 V
18
2
48
DSDB2
3
12
M3
DSDA1
DSDB3
DSDA3
DSDB1
DSDA2
46
47
1
16
15
M2
M1
M0
RST
19
17
22
MUTEC6
Analog Conditioning
and Muting
23
MUTEC5
Analog Conditioning
and Muting
24
MUTEC4
Analog Conditioning
and Muting
25
MUTEC3
Analog Conditioning
and Muting
26
MUTEC2
Analog Conditioning
and Muting
41
MUTEC1
Stand-Alone
Mode
Configuration
DSD_SCLK
42
10
M4
TST*
*Pins: 14,
44, 45
Pins: 27, 30, 33,
36, 37, 40
DSD
Digital
Audio
Source
PCM
Audio
Source
220 Ω
470 Ω
470 Ω
47 K
Ω
Optional
TST_OUT
Figure 7. Typical Connection Diagram, Hardware Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com