Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4364 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS4364
Description  103 dB, 192 kHz 6-Channel D/A Converter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4364 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS4364 Datasheet HTML 7Page - Cirrus Logic CS4364 Datasheet HTML 8Page - Cirrus Logic CS4364 Datasheet HTML 9Page - Cirrus Logic CS4364 Datasheet HTML 10Page - Cirrus Logic CS4364 Datasheet HTML 11Page - Cirrus Logic CS4364 Datasheet HTML 12Page - Cirrus Logic CS4364 Datasheet HTML 13Page - Cirrus Logic CS4364 Datasheet HTML 14Page - Cirrus Logic CS4364 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
DS619F1
11
CS4364
COMBINED INTERPOLATION & ON-CHIP ANALOG FILTER RESPONSE
The filter characteristics have been normalized to the sample rate (Fs) and can be referenced to the desired sam-
ple rate by multiplying the given characteristic by Fs.
(See (Note 12))
Notes:
8.
Slow Roll-off interpolation filter is only available in Software Mode.
9.
Response is clock dependent and will scale with Fs.
10. For Single-Speed Mode, the Measurement Bandwidth is from stopband to 3 Fs.
For Double-Speed Mode, the Measurement Bandwidth is from stopband to 3 Fs.
For Quad-Speed Mode, the Measurement Bandwidth is from stopband to 1.34 Fs.
11. De-emphasis is available only in Single-Speed Mode; Only 44.1 kHz De-emphasis is available in Hardware
Mode.
12. Amplitude vs. Frequency plots of this data are available in the “Filter Response Plots” on page 43.
Parameter
Fast Roll-Off
Unit
Min
Typ
Max
Combined Digital and On-chip Analog Filter Response - Single-Speed Mode - 48 kHz
Passband (Note 9)
to -0.01 dB corner
to -3 dB corner
0
0
-
-
.454
.499
Fs
Fs
Frequency Response
10 Hz to 20 kHz
-0.01
-
+0.01
dB
StopBand
0.547
-
-
Fs
StopBand Attenuation
(Note 10)
102
-
-
dB
Group Delay
-
10.4/Fs
-
s
De-emphasis Error (Note 11)
Fs = 32 kHz
(Relative to 1 kHz)
Fs = 44.1 kHz
Fs = 48 kHz
-
-
-
-
-
-
±0.36
±0.21
±0.14
dB
dB
dB
Combined Digital and On-chip Analog Filter Response - Double-Speed Mode - 96 kHz
Passband (Note 9)
to -0.01 dB corner
to -3 dB corner
0
0
-
-
.430
.499
Fs
Fs
Frequency Response
10 Hz to 20 kHz
-0.01
-
+0.01
dB
StopBand
.583
-
-
Fs
StopBand Attenuation
(Note 10)
80
-
-
dB
Group Delay
-
6.15/Fs
-
s
Combined Digital and On-chip Analog Filter Response - Quad-Speed Mode - 192 kHz
Passband (Note 9)
to -0.01 dB corner
to -3 dB corner
0
0
-
-
.105
.490
Fs
Fs
Frequency Response
10 Hz to 20 kHz
-0.01
-
+0.01
dB
StopBand
.635
-
-
Fs
StopBand Attenuation
(Note 10)
90
-
-
dB
Group Delay
-
7.1/Fs
-
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com