Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4364 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS4364
Description  103 dB, 192 kHz 6-Channel D/A Converter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4364 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS4364 Datasheet HTML 31Page - Cirrus Logic CS4364 Datasheet HTML 32Page - Cirrus Logic CS4364 Datasheet HTML 33Page - Cirrus Logic CS4364 Datasheet HTML 34Page - Cirrus Logic CS4364 Datasheet HTML 35Page - Cirrus Logic CS4364 Datasheet HTML 36Page - Cirrus Logic CS4364 Datasheet HTML 37Page - Cirrus Logic CS4364 Datasheet HTML 38Page - Cirrus Logic CS4364 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
DS619F1
35
CS4364
6.3.2
Functional Mode (FM)
Default = 11
00 - Single-Speed Mode (4 to 50 kHz sample rates)
01 - Double-Speed Mode (50 to 100 kHz sample rates)
10 - Quad-Speed Mode (100 to 200 kHz sample rates)
11 - Auto Speed Mode detect (32 kHz to 200 kHz sample rates)
Function:
Selects the required range of input sample rates or Auto Speed Mode.
6.4
DSD Control (Address 04h)
6.4.1
DSD Mode Digital Interface Format (DSD_DIF)
Default = 000 - Format 0 (64x oversampled DSD data with a 4x MCLK to DSD data rate)
Function:
The relationship between the oversampling ratio of the DSD audio data and the required Master clock to
DSD data rate is defined by the Digital Interface Format pins.
The DSD/PCM bit determines whether PCM or DSD Mode is selected.
DIF3
DIF2
DIF1
DIF0
DESCRIPTION
Format
FIGURE
00
0
0
Left Justified, up to 24-bit data
0
8
00
0
1
I2S, up to 24-bit data
1
9
00
1
0
Right Justified, 16-bit data
2
10
00
1
1
Right Justified, 24-bit data
3
11
01
0
0
Right Justified, 20-bit data
4
12
01
0
1
Right Justified, 18-bit data
5
13
10
0
0
One-line Mode 1, 24-bit Data
8
14
10
0
1
One-line Mode 2, 20-bit Data
9
15
XX
X
X
All other combinations are Reserved
Table 7. Digital Interface Formats - PCM Mode
76
5
4
3
2
1
0
DSD_DIF2
DSD_DIF1
DSD_DIF0
DIR_DSD
STATIC_DSD
INVALID_DSD
DSD_PM_MD
DSD_PM_EN
00
0
0
1
1
0
0
DIF2
DIF1
DIFO
DESCRIPTION
0
0
0
64x oversampled DSD data with a 4x MCLK to DSD data rate
0
0
1
64x oversampled DSD data with a 6x MCLK to DSD data rate
0
1
0
64x oversampled DSD data with a 8x MCLK to DSD data rate
0
1
1
64x oversampled DSD data with a 12x MCLK to DSD data rate
1
0
0
128x oversampled DSD data with a 2x MCLK to DSD data rate.
1
0
1
128x oversampled DSD data with a 3x MCLK to DSD data rate.
1
1
0
128x oversampled DSD data with a 4x MCLK to DSD data rate.
1
1
1
128x oversampled DSD data with a 6x MCLK to DSD data rate.
Table 8. Digital Interface Formats - DSD Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com