Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5521 Datasheet(PDF) 47 Page - Cirrus Logic

Part # CS5521
Description  16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5521 Datasheet(HTML) 47 Page - Cirrus Logic

Back Button CS5521 Datasheet HTML 43Page - Cirrus Logic CS5521 Datasheet HTML 44Page - Cirrus Logic CS5521 Datasheet HTML 45Page - Cirrus Logic CS5521 Datasheet HTML 46Page - Cirrus Logic CS5521 Datasheet HTML 47Page - Cirrus Logic CS5521 Datasheet HTML 48Page - Cirrus Logic CS5521 Datasheet HTML 49Page - Cirrus Logic CS5521 Datasheet HTML 50Page - Cirrus Logic CS5521 Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
CS5521/22/23/24/28
DS317F6
47
be initialized to these conditions when the instru-
ment is used in normal operation. Once calibration
is ready, input the command to start conversions in
the mode you have selected via the configuration
register bits. Monitor the SDO pin for a flag that the
data is ready and read conversion data.
1.11 PCB Layout
The CS5521/22/23/24/28 should be placed entirely
over an analog ground plane with both the AGND
and DGND pins of the device connected to the an-
alog plane. Place the analog-digital plane split im-
mediately adjacent to the digital portion of the chip.
If separate digital (VD+) and analog (VA+) sup-
plies are used, it is recommended that a diode be
placed between them (the cathode of the diode
should point to VA+). If the digital supply comes
up before the analog supply, the ADC may not start
up properly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com