Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5521 Datasheet(PDF) 53 Page - Cirrus Logic

Part # CS5521
Description  16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5521 Datasheet(HTML) 53 Page - Cirrus Logic

Back Button CS5521 Datasheet HTML 48Page - Cirrus Logic CS5521 Datasheet HTML 49Page - Cirrus Logic CS5521 Datasheet HTML 50Page - Cirrus Logic CS5521 Datasheet HTML 51Page - Cirrus Logic CS5521 Datasheet HTML 52Page - Cirrus Logic CS5521 Datasheet HTML 53Page - Cirrus Logic CS5521 Datasheet HTML 54Page - Cirrus Logic CS5521 Datasheet HTML 55Page - Cirrus Logic CS5521 Datasheet HTML 56Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
CS5521/22/23/24/28
DS317F6
53
6. PACKAGE DIMENSION DRAWINGS
Notes: 1. Positional tolerance of leads shall be within 0.25 mm (0.010 in.) at maximum material condition, in
relation to seating plane and each other.
2. Dimension eA to center of leads when formed parallel.
3. Dimension E does not include mold flash.
INCHES
MILLIMETERS
DIM
MIN
NOM
MAX
MIN
NOM
MAX
A
0.000
--
0.210
0.00
--
5.33
A1
0.015
0.020
0.025
0.38
0.508
0.64
A2
0.115
0.130
0.195
2.92
3.302
4.95
b
0.014
0.018
0.022
0.36
0.4572
0.56
b1
0.045
0.058
0.070
1.14
1.46
1.78
c
0.008
0.010
0.014
0.20
0.25
0.36
D
0.980
1.030
1.060
24.89
26.162
26.92
E
0.300
0.310
0.325
7.62
7.874
8.26
E1
0.240
0.252
0.280
6.10
6.40
7.11
e
0.090
0.100
0.110
2.29
2.54
2.79
eA
0.280
0.30
0.320
7.11
7.62
8.13
eB
0.300
0.37
0.430
7.62
9.40
10.92
eC
0.000
--
0.060
0.00
--
1.52
L
0.115
0.130
0.150
2.92
3.302
3.81
∝
0°
8°
15°
0°
8°
15°
JEDEC # : MS-001
Controling Dimension is Inches
20 PIN PLASTIC (PDIP) (300 MIL) PACKAGE DRAWING
E1
D
SEATING
PLANE
b1
e
b
A
L
A1
∝
TOP VIEW
BOTTOM VIEW
SIDE VIEW
1
eA
c
A2
E
eC
eB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com