Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5521 Datasheet(PDF) 54 Page - Cirrus Logic

Part # CS5521
Description  16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5521 Datasheet(HTML) 54 Page - Cirrus Logic

Back Button CS5521 Datasheet HTML 48Page - Cirrus Logic CS5521 Datasheet HTML 49Page - Cirrus Logic CS5521 Datasheet HTML 50Page - Cirrus Logic CS5521 Datasheet HTML 51Page - Cirrus Logic CS5521 Datasheet HTML 52Page - Cirrus Logic CS5521 Datasheet HTML 53Page - Cirrus Logic CS5521 Datasheet HTML 54Page - Cirrus Logic CS5521 Datasheet HTML 55Page - Cirrus Logic CS5521 Datasheet HTML 56Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 54 / 56 page
background image
CS5521/22/23/24/28
54
DS317F6
INCHES
MILLIMETERS
DIM
MIN
NOM
MAX
MIN
NOM
MAX
A
0.000
--
0.210
0.00
--
5.33
A1
0.015
0.020
0.025
0.38
0.51
0.64
A2
0.115
0.130
0.195
2.92
3.30
4.95
b
0.014
0.018
0.022
0.36
0.46
0.56
b1
0.045
0.058
0.070
1.14
1.46
1.78
c
0.008
0.010
0.014
0.20
0.25
0.36
D
1.230
1.255
1.280
31.24
31.88
32.51
E
0.300
0.310
0.325
7.62
7.87
8.26
E1
0.240
0.252
0.280
6.10
6.40
7.11
e
0.090
0.100
0.110
2.29
2.54
2.79
eA
0.280
0.30
0.320
7.11
7.62
8.13
eB
0.300
0.37
0.430
7.62
9.40
10.92
eC
0.000
--
0.060
0.00
--
1.52
L
0.115
0.130
0.150
2.92
3.30
3.81
∝
0°
8°
15°
0°
8°
15°
JEDEC # : MS-001
Controling Dimension is Inches
24 PIN SKINNY PLASTIC (PDIP) (300 MIL) PACKAGE DRAWING
E1
D
SEATING
PLANE
b1
e
b
A
L
A1
∝
TOP VIEW
BOTTOM VIEW
SIDE VIEW
1
eA
c
A2
E
eC
eB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com