Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5521 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS5521
Description  16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5521 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS5521 Datasheet HTML 10Page - Cirrus Logic CS5521 Datasheet HTML 11Page - Cirrus Logic CS5521 Datasheet HTML 12Page - Cirrus Logic CS5521 Datasheet HTML 13Page - Cirrus Logic CS5521 Datasheet HTML 14Page - Cirrus Logic CS5521 Datasheet HTML 15Page - Cirrus Logic CS5521 Datasheet HTML 16Page - Cirrus Logic CS5521 Datasheet HTML 17Page - Cirrus Logic CS5521 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
CS5521/22/23/24/28
14
DS317F6
1.1.1 Instrumentation Amplifier
The instrumentation amplifier is chopper stabilized
and is activated any time conversions are performed
with the low-level input ranges,
≤100 mV. The am-
plifier is powered from VA+ and from the NBV
(Negative
Bias
Voltage)
pin
allowing
the
CS5521/22/23/24/28 to be operated in either of two
analog input configurations. The NBV pin can be bi-
ased to a negative voltage between -1.8 V and
-2.5 V, or tied to AGND (for the CS5528, NBV has
to be between -1.8 V and -2.5 V for the ranges below
100 mV when the amplifier is engaged). The com-
mon-mode-plus-signal range of the instrumentation
amplifier is 1.85 V to 2.65 V with NBV grounded.
The common-mode-plus-signal range of the instru-
mentation amplifier is -0.150 V to 0.950 V with
NBV between -1.8 V to -2.5 V. Whether NBV is
tied between -1.8 V and -2.5 V or tied to AGND,
the (Common Mode + Signal) input on AIN+ and
AIN- must stay between NBV and VA+.
Figure 5 illustrates an analog input model for the
ADCs when the instrumentation amplifier is en-
gaged. The CVF (sampling) input current for each
of the analog input pins depends on the CFS1 and
CFS0 (Chop Frequency Select) bits in the configu-
ration register (see Configuration Register for de-
tails). Note that the CVF current is lowest with the
CFS bits in their default states (cleared to logic 0s).
Further note that the CVF current into the instru-
mentation amplifier is less than 300 pA over -40°C
to +85°C. Note that Figure 5 is for input current
modeling only. For physical input capacitance see
‘Input Capacitance’ specification under ANALOG
CHARACTERISTICS. Also refer to Applications
Note AN30 - “Switched-Capacitor A/D Converter
Input Structures” for more details on input models
and input sampling currents.
Note: Residual noise appears in the converter’s baseband for
output word rates greater than 61.6 Sps if the CFS bits
are logic 0 (chop clock = 256 Hz). For word rates of
30 Sps and lower, 256 Sps chopping is recommended,
and for 61.6 Sps, 84.5 Sps and 101.1 Sps word rate set-
tings, 4096 Hz chopping is recommended.
1.1.2 Coarse/Fine Charge Buffers
The unity gain buffers are activated any time conver-
sions are performed with the high-level inputs rang-
es, 1 V, 2.5 V, and 5 V. The unity gain buffers are
designed to accommodate rail-to-rail input signals.
The common-mode-plus-signal range for the unity
gain buffer amplifier is NBV to VA+.
Typical CVF (sampling) current for the unity gain
buffer
amplifiers
is
about
10 nA
(XIN = 32.768 kHz, see Figure 6).
AIN
25 m V , 5 5 m V , a nd 10 0 m V R a nge s
C= 48 p F
CF S 1 /C F S 0 = 00 , f = 2 5 6 Hz
CF S 1 /C F S 0 = 01 , f = 4 0 9 6 H z
C F S 1 /C F S 0 = 10 , f = 1 6 .38 4 k H z
CF S 1 /C F S 0 = 11 , f = 1 0 2 4 H z
V
≤ 25 m V
i= fV
C
os
os
n
Figure 5. Input Models for AIN+ and AIN- pins,
≤100
mV Input Ranges
AIN
C= 2 0 p F
f= 3 2 .7 6 8 kH z
φ Coarse
1
φ Fine
1
V
≤ 25 m V
i= fV
C
os
os
n
1 V , 2 .5 V an d 5 V R a n ges
Figure 6. Input Models for AIN+ and AIN- pins,
>100
mV input ranges
,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com