Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5521 Datasheet(PDF) 50 Page - Cirrus Logic

Part # CS5521
Description  16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5521 Datasheet(HTML) 50 Page - Cirrus Logic

Back Button CS5521 Datasheet HTML 46Page - Cirrus Logic CS5521 Datasheet HTML 47Page - Cirrus Logic CS5521 Datasheet HTML 48Page - Cirrus Logic CS5521 Datasheet HTML 49Page - Cirrus Logic CS5521 Datasheet HTML 50Page - Cirrus Logic CS5521 Datasheet HTML 51Page - Cirrus Logic CS5521 Datasheet HTML 52Page - Cirrus Logic CS5521 Datasheet HTML 53Page - Cirrus Logic CS5521 Datasheet HTML 54Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 56 page
background image
CS5521/22/23/24/28
50
DS317F6
NBV - Negative Bias Voltage.
Input pin to supply the negative supply voltage for the 20X gain instrumentation amplifier and
coarse/fine charge buffers. May be tied to AGND if AIN+ and AIN- inputs are centered around
+2.5 V; or it may be tied to a negative supply voltage (-2.1 V typical) to allow the amplifier to
handle low level signals more negative than ground. When using the CS5528 in either the
25 mV, 55 mV or 100 mV range, the analog inputs are expected to be ground referenced;
therefore, NBV must be between -1.8 to -2.5 to ensure proper operation.
CPD - Charge Pump Drive.
Square wave output used to provide energy for the charge pump.
2.4 Power Supply Connections
VA+ - Positive Analog Power.
Positive analog supply voltage. Nominally +5 V.
VD+ - Positive Digital Power.
Positive digital supply voltage. Nominally +3.0 V or +5 V.
AGND - Analog Ground.
Analog Ground.
DGND - Digital Ground.
Digital Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com