Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5521 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS5521
Description  16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5521 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS5521 Datasheet HTML 26Page - Cirrus Logic CS5521 Datasheet HTML 27Page - Cirrus Logic CS5521 Datasheet HTML 28Page - Cirrus Logic CS5521 Datasheet HTML 29Page - Cirrus Logic CS5521 Datasheet HTML 30Page - Cirrus Logic CS5521 Datasheet HTML 31Page - Cirrus Logic CS5521 Datasheet HTML 32Page - Cirrus Logic CS5521 Datasheet HTML 33Page - Cirrus Logic CS5521 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
CS5521/22/23/24/28
30
DS317F6
D23(MSB)
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12
NU
NU
CFS1
CFS0
NU
MC
LP
RC
DP3
DP2
DP1
DP0
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
PSS
PD
PS/R
LPM
RS
RV
OD
OF
NU
NU
NU
NU
BIT
NAME
VALUE
FUNCTION
D23-D22
Not Used, NU
00
R1
1.R indicates the bit value after the part is reset.
Must always be logic 0.
D21-D20
Chop Frequency Select,
CFS1-CFS0
00
01
10
11
R 256 Hz Amplifier chop frequency.
(XIN = 32.768 kHz)
4,096 Hz Amplifier chop frequency.
16,384 Hz Amplifier chop frequency.
1,024 Hz Amplifier chop frequency.
D19
Not Used, NU
0
R Must always be logic 0.
D18
Multiple Conversion, MC
0
1
R Perform single-Setup conversions. MC bit is ignored during calibrations.
Perform multiple-Setup conversions on Setups in the channel-setup reg-
ister by issuing only one command with MSB = 1.
D17
Loop, LP
0
1
R The conversions on the single Setup (MC = 0) or multiple Setups (MC =
1) are performed only once.
The conversions on the single Setup (MC = 0) or multiple Setups (MC =
1) are continuously performed.
D16
Read Convert, RC
0
1
R Don’t wait for user to finish reading data before starting new conversions.
The RC bit is used in conjunction with the LP bit when the LP bit is set to
logic 1. If LP = 0, the RC bit is ignored. If LP = 1, the ADC waits for user to
read data conversion(s) before converting again. The RC bit is ignored
during calibrations. Refer to Calibration Protocol for details.
D15-D12
Depth Pointer, DP3-DP0
0000
.
.
1111
R When writing or reading the CSRs, these bits (DP3-DP0) determine the
number of CSR’s to be accessed (0000=1). They are also used to deter-
mine how many Setups are converted when MC=1 and a command byte
with its MSB = 1 is issued. Note that the CS5522 has two CSRS, the
CS5524 has four CSRs, and the CS5528 has 8 CSRs.
D11
Power Save Select, PSS
02
1
2.When the chip is placed in standby mode, the PD bit (bit D10) should be set to 1.
R Standby Mode (Oscillator active, allows quick power-up).
Sleep Mode (Oscillator inactive).
D10
Pump Disable, PD
0
1
R Charge Pump Enabled.
For PD = 1, the CPD pin goes to a Hi-Z output state.
D9
Power Save/Run, PS/R
0
1
R Run.
Power Save.
D8
Low Power Mode, LPM
0
1
R Normal Mode (LPM bit is only for the CS5522/24/28)
Reduced Power Mode
D7
Reset System, RS
0
1
R Normal Operation.
Activate a Reset cycle. To return to Normal Operation write bit to zero.
D6
Reset Valid, RV
0
1R
No reset has occurred or bit has been cleared (read only).
Bit is set after a Valid Reset has occurred. (Cleared when read.)
D5
Oscillation Detect, OD
0
1
R Bit is clear when an oscillation condition has not occurred (read only).
Bit is set when an oscillatory condition is detected in the modulator.
D4
Overrange Flag, OF
0
1
R Bit is clear when an overrange condition has not occurred (read only).
Bit is set when input signal is more positive than the positive full scale,
more negative than zero (unipolar mode), or when the input is more neg-
ative than the negative full scale (bipolar mode).
D3-D0
Not Used, NU
0000
R Must always be logic 0.
Table 4. Configuration Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com