Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5521 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS5521
Description  16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5521 Datasheet(HTML) 5 Page - Cirrus Logic

  CS5521 Datasheet HTML 1Page - Cirrus Logic CS5521 Datasheet HTML 2Page - Cirrus Logic CS5521 Datasheet HTML 3Page - Cirrus Logic CS5521 Datasheet HTML 4Page - Cirrus Logic CS5521 Datasheet HTML 5Page - Cirrus Logic CS5521 Datasheet HTML 6Page - Cirrus Logic CS5521 Datasheet HTML 7Page - Cirrus Logic CS5521 Datasheet HTML 8Page - Cirrus Logic CS5521 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
CS5521/22/23/24/28
DS317F6
5
CHARACTERISTICS AND SPECIFICATIONS
ANALOG CHARACTERISTICS (T
A = 25° C; VA+, VD+ = 5 V ±5%; VREF+ = 2.5 V, VREF- = AGND,
NBV = -2.1 V, XIN = 32.768 kHz, CFS1-CFS0 = ‘00’, OWR (Output Word Rate) = 15 Sps, Bipolar Mode, Input
Range = ±100 mV; See Notes 1 and 2.)
Notes: 1. Applies after system calibration at any temperature within -40° C ~ +85° C.
2. Specifications guaranteed by design, characterization, and/or test.
3. Specification applies to the device only and does not include any effects by external parasitic
thermocouples. LSBN: N is 16 for the CS5521/23 and N is 24 for the CS5522/24/28
4. Drift over specified temperature range after calibration at power-up at 25° C.
5. Measured with Charge Pump Drive off.
6. All outputs unloaded. All input CMOS levels and the CS5521/23 do not have a low power mode.
Parameter
CS5521/23
CS5522/24/28
Unit
Min
Typ
Max
Min
Typ
Max
Accuracy
Resolution
-
-
16
-
-
24
Bits
Linearity Error
-
±0.0015 ±0.003
-
±0.0007 ±0.0015
%FS
Bipolar Offset
(Note 3)
-
±1±2
-
±16
±32
LSBN
Unipolar Offset
(Note 3)
-
±2
±4-
±32
±64
LSBN
Offset Drift
(Notes 3 and 4)
-
20
-
-
20
-
nV/°C
Bipolar Gain Error
-
±8
±31
-
±8
±31
ppm
Unipolar Gain Error
-
±16
±62
-
±16
±62
ppm
Gain Drift
(Note 4)
-
1
3
-
1
3
ppm/°C
Power Supplies
Power Supply Currents (Normal Mode)
IA+
(Note 5)ID+
INBV
-
-
-
1.0
90
400
1.4
135
570
-
-
-
1.5
90
525
1.9
135
700
mA
µA
µA
Power Consumption
(Note 6)
Normal Mode
Low Power Mode
Sleep
-
N/A
-
6.0
N/A
500
8.9
N/A
-
-
-
-
9
5.5
500
12
7.5
-
mW
mW
µW
Power Supply Rejection
Positive Supplies
dc NBV
-
-
120
110
-
-
-
-
120
110
-
-
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com