Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5122DS-RDTUM Datasheet(PDF) 119 Page - ATMEL Corporation

Part # AT89C5122DS-RDTUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5122DS-RDTUM Datasheet(HTML) 119 Page - ATMEL Corporation

Back Button AT89C5122DS-RDTUM Datasheet HTML 115Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 116Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 117Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 118Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 119Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 120Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 121Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 122Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 123Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 208 page
background image
119
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Reset Value = 0000 0000b
Table 70.
USB Endpoint Status and Control Register X - UEPSTAX (S:CEh) X=EPNUM set in UEPNUM Register)
765
43210
DIR
RXOUTB1
STALLRQ
TXRDY
STL/CRC
RXSETUP
RXOUTB0
TXCMP
Bit
Number
Bit
Mnemonic Description
7DIR
Control Endpoint Direction
This bit is used only if the endpoint is configured in the control type (see“USB Endpoint X Control Register - UEPCONX (S:D4h)”
on page 118).
This bit determines the Control data and status direction.
The device firmware should set this bit ONLY for the IN data stage, before any other USB operation. Otherwise, the device
firmware should clear this bit.
6
RXOUTB1
Received OUT Data Bank 1 for Endpoint 6 (Ping-pong Mode)
This bit is set by hardware after a new packet has been stored in the endpoint FIFO Data bank 1 (only in Ping-pong mode).
Then, the endpoint interrupt is triggered if enabled (see “USB Global Interrupt Register - USBINT (S:BDh)” on page 116) and all
the following OUT packets to the endpoint bank 1 are rejected (NAK’ed) until this bit has been cleared, excepted for Isochronous
Endpoints.
This bit should be cleared by the device firmware after reading the OUT data from the endpoint FIFO.
5
STALLRQ
Stall Handshake Request
Set this bit to request a STALL answer to the host for the next handshake.
Clear this bit otherwise.
For CONTROL endpoints: cleared by hardware when a valid SETUP PID is received.
4
TXRDY
TX Packet Ready
Set this bit after a packet has been written into the endpoint FIFO for IN data transfers. Data should be written into the endpoint
FIFO only after this bit has been cleared. Set this bit without writing data to the endpoint FIFO to send a Zero Length Packet.
This bit is cleared by hardware, as soon as the packet has been sent for Isochronous endpoints, or after the host has
acknowledged the packet for Control, Bulk and Interrupt endpoints. When this bit is cleared, the endpoint interrupt is triggered if
enabled (see Table 65 on page 116).
3STLCRC
Stall Sent / CRC error flag
- For Control, Bulk and Interrupt Endpoints:
This bit is set by hardware after a STALL handshake has been sent as requested by STALLRQ. Then, the endpoint interrupt is
triggered if enabled (see“” on page 116)
It should be cleared by the device firmware.
- For Isochronous Endpoints (Read-Only):
This bit is set by hardware if the last received data is corrupted (CRC error on data).
This bit is updated by hardware when a new data is received.
2
RXSETUP
Received SETUP
This bit is set by hardware when a valid SETUP packet has been received from the host. Then, all the other bits of the register
are cleared by hardware and the endpoint interrupt is triggered if enabled (see Table 65 on page 116).
It should be cleared by the device firmware after reading the SETUP data from the endpoint FIFO.
1
RXOUTB0
Received OUT Data Bank 0
(see also RXOUTB1 bit for Ping-pong Endpoints)
This bit is set by hardware after a new packet has been stored in the endpoint FIFO data bank 0. Then, the endpoint interrupt is
triggered if enabled (see“” on page 116) and all the following OUT packets to the endpoint bank 0 are rejected (NAK’ed) until this
bit has been cleared, excepted for Isochronous Endpoints. However, for control endpoints, an early SETUP transaction may
overwrite the content of the endpoint FIFO, even if its Data packet is received while this bit is set.
This bit should be cleared by the device firmware after reading the OUT data from the endpoint FIFO.
0TXCMPL
Transmitted IN Data Complete
This bit is set by hardware after an IN packet has been transmitted for Isochronous endpoints and after it has been accepted
(ACK’ed) by the host for Control, Bulk and Interrupt endpoints. Then, the endpoint interrupt is triggered if enabled (see Table
65).
This bit should be cleared by the device firmware before setting TXRDY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com