Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5122DS-RDTUM Datasheet(PDF) 29 Page - ATMEL Corporation

Part # AT89C5122DS-RDTUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5122DS-RDTUM Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button AT89C5122DS-RDTUM Datasheet HTML 25Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 26Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 27Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 28Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 29Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 30Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 31Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 32Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 208 page
background image
29
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Figure 13.
AT83R5122, AT8xC5122’s ROM Version
PROGRAM MEMORY
(Read only)
0000
7FFF
FFFF
EA=1
INTERNAL
32K ROM
EA=0
EXTERNAL
EXTERNAL
RESET@
<0000>
SFR
Space
80
FF
On-chip
512 bytes
XRAM
0000
01FF
FFFF
RD
WR
00
7F
80
FF
Upper
128 Bytes
RAM
Lower
128 Bytes
RAM
DATA MEMORY
(Read / Write)
0000
EXTRAM=0
EXTRAM=1
EXTERNAL
EXTERNAL
XRAM
XRAM
01FF
0200
8000
Roll-Over
PSEN
On-Chip 256 bytes RAM
Direct
Addressing
Indirect
Addressing
512 Bytes
INTERNAL
E2PROM
01FF
0000
Optional
Roll-Over



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com