Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5122DS-RDTUM Datasheet(PDF) 35 Page - ATMEL Corporation

Part # AT89C5122DS-RDTUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5122DS-RDTUM Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button AT89C5122DS-RDTUM Datasheet HTML 31Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 32Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 33Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 34Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 35Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 36Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 37Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 38Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 208 page
background image
35
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Table 13.
Timers SFRs
Mnemonic
Add
Name
76543210
TH0
8Ch Timer/Counter 0 High byte
TH0
TL0
8Ah Timer/Counter 0 Low byte
TL0
TH1
8Dh Timer/Counter 1 High byte
TH1
TL1
8Bh Timer/Counter 1 Low byte
TL1
TCON
88h
Timer/Counter 0 and 1
control
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
TMOD
89h
Timer/Counter 0 and 1
Modes
GATE1
C/T1#
M11
M01
GATE0
C/T0#
M10
M00
Table 14.
Watchdog SFRs
Mnemonic
Add
Name
76543210
WDTRST
A6h Watchdog Timer Reset
WDTRST
WDTPRG
A7h Watchdog Timer Program
S2-0
Table 15.
Serial I/O Ports SFRs
Mnemonic
Add
Name
76543210
SCON
98h Serial Control
FE/SM0
SM1
SM2
REN
TB8
RB8
TI
RI
SBUF
99h Serial Data Buffer
SBUF
SADEN
B9h Slave Address Mask
SADEN
SADDR
A9h Slave Address
SADDR
Table 16.
Baud Rate Generator SFRs
Mnemonic
Add
Name
76543210
BRL
9Ah Baud Rate Reload
BRL
BDRCON
9Bh Baud Rate Control
BRR
TBCK
RBCK
SPD
M0SRC
Table 17.
Interrupt SFRs
Mnemonic
Add
Name
76543210
IEN0
A8h Interrupt Enable Control 0
EA
ES
ET1
EX1
ET0
EX0
IEN1
B1h Interrupt Enable Control 1
EUSB
ESCI
ESPI(1)
EKB(1)
IPL0
B8h
Interrupt Priority Control
Low 0
PSL
PT1L
PX1L
PT0L
PX0L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com