Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5122DS-RDTUM Datasheet(PDF) 59 Page - ATMEL Corporation

Part # AT89C5122DS-RDTUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5122DS-RDTUM Datasheet(HTML) 59 Page - ATMEL Corporation

Back Button AT89C5122DS-RDTUM Datasheet HTML 55Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 56Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 57Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 58Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 59Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 60Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 61Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 62Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 63Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 208 page
background image
59
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Registers
Reset Value = 0000 0x00b
Reset Value = 00xx 0xxxb
Table 36.
Port Mode Register 0 - PMOD0 (91h) for AT8xC5122
7
654
3
2
1
0
P3C1
P3C0
P2C1
P2C0
CPRESRES
-
P0C1
P0C0
Bit Number
Bit Mnemonic Description
7 - 6
P3C1-P3C0
Port 3 Configuration bits (Applicable to P3.0, P3.1, P3.3, P3.4 only)
00
Quasi bi-directional
01
Push-pull
10
Output Low Speed
11
Input with weak pull-up
5-4
P2C1-P2C0
Port 2 Configuration bits
00
Quasi bi-directional
01
Push-pull
10
Output Low Speed
11
Input with weak pull-down
3CPRESRES
Card Presence Pull-up resistor
Cleared to connect the internal 100K pull-up
Set to disconnect the internal pull-up
2-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
1-0
P0C1-P0C0
Port 0 Configuration bits
00
C51 Standard P0
01
Reserved
10
Output Low Speed
11
Push-pull
Table 37.
Port Mode Register 0 - PMOD0 (91h) for AT83C5123
7
654
3
2
1
0
P3C1
P3C0
-
-
CPRESRES
-
-
-
Bit Number
Bit Mnemonic Description
7 - 6
P3C1-P3C0
Port 3 Configuration bits (Applicable to P3.0, P3.1, P3.3, P3.4 only)
00
Quasi bi-directional
01
Push-pull
10
Output Low Speed
11
Input with weak pull-up
5-4
Reserved
The value read from these bits are indeterminate. Do not set these bit.
3CPRESRES
Card Presence Pull-up resistor
Cleared to connect the internal 100K pull-up
Set to disconnect the internal pull-up
2-0
-
Reserved
The value read from these bits are indeterminate. Do not set these bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com