Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5122DS-RDTUM Datasheet(PDF) 55 Page - ATMEL Corporation

Part # AT89C5122DS-RDTUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5122DS-RDTUM Datasheet(HTML) 55 Page - ATMEL Corporation

Back Button AT89C5122DS-RDTUM Datasheet HTML 51Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 52Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 53Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 54Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 55Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 56Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 57Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 58Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 59Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 208 page
background image
55
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Port Configuration
Standard I/O P0
The P0 port is described in Figure 22.
Figure 22.
Standard Input/Output Port
Quasi Bi-directional Port
The default port output configuration for standard I/O ports is the quasi-bi-directional
output that is common on the 80C51 and most of its derivatives. The “Port51” output
type can be used as both an input and output without the need to reconfigure the port.
This is possible because when the port outputs a logic high, it is weakly driven, allowing
an external device to pull the pin low.
When the port outputs a logic low state, it is driven strongly and is able to sink a fairly
large current.
These features are somewhat similar to an open-drain output except that there are three
pull-up transistors in the quasi-bi-directional output that serve different purposes.
One of these pull-ups, called the weak pull-up, is turned on whenever the port latch for
the pin contains a logic 1. The weak pull-up sources a very small current that will pull the
pin high if it is left floating. The weak pull-up can be turned off by the DPU bit in AUXR
register.
A second pull-up, called the medium pull-up, is turned on when the port latch for the pin
contains a logic 1 and the pin itself is also at a logic 1 level. This pull-up provides the pri-
mary source current for a quasi-bi-directional pin that is outputting a 1. If a pin that has a
logic 1 on it is pulled low by an external device, the medium pull-up turns off, and only
the weak pull-up remains on. In order to pull the pin low under these conditions, the
external device has to sink enough current to overpower the medium pull-up and take
the voltage on the port pin below its input threshold.
Note:
for CIO, CC4, CC8 ports of SCIB interface , in input mode when the ICC (smart card) is
driving the port pin :
–
if 0 < Vin < CVCC/2 : weak pull-up is active (~100KOhm)
–
if CVCC/2 < Vin < CVCC : weak (~100KOhm) and medium (~12KOhm) pull-
up’s are active
MUX
Pin
ADDR/DATA CONTROL
Vcc
1
0
Input
Data
Port latch
Data
PMOS
NMOS
Vss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com