Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5122DS-RDTUM Datasheet(PDF) 15 Page - ATMEL Corporation

Part # AT89C5122DS-RDTUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5122DS-RDTUM Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT89C5122DS-RDTUM Datasheet HTML 11Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 12Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 13Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 14Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 15Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 16Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 17Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 18Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 208 page
background image
15
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Typical Applications
Recommended External components
All the external components described in the figure and table below must be imple-
mented as close as possible from the microcontroller package.
Table 3.
External Components Bill Of Materials
Reference Description
Value
Comments
R1
USB Full Speed Pull-up
1.5 K
Ω +/-10%
All product versions
R2
USB pad serial resistor
27
Ω +/-10%
For AT8xC5122 versions
33
Ω +/-10%
For AT83C5123 versions
R3
USB pad serial resistor
27
Ω +/-10%
For AT8xC5122 versions
33
Ω +/-10%
For AT83C5123 versions
R4
PLL filter resistor
1.8 K
Ω +/-10%
All product versions
R5
CIO Pull-up resistor
10 K
Ω +/10%
All product versions
C1
Power Supply filter capacitor
100 nF +80/-20%
All product versions
C2
PLL filter capacitor
33 pF +/-10%
All product versions
C3
PLL filter capacitor
150 pF +/-10%
All product versions
C4
USB pad decoupling capacitor
680 nF +/-30%
All product versions.
If USB interface is not used, this capacitor is optional
C5
Smart Card clock filter capacitor
27 pF +/-10%
All product versions.
C6
DC/DC Converter decoupling capacitor
10 μF +/-10%
Low ESR
All product versions.
This capacitor does not impact the USB Inrush Current
C7
DC/DC Converter filter capacitor
100 nF +80/-20%
All product versions
C8
Power Supply decoupling capacitor
4.7 μF +/-10%
All products versions
This capacitor impacts the USB Inrush Current. Maximum
application capacitance allowed by the USB standard is 10 μF.
C9
Power Supply filter capacitor
100 nF +80/-20C
All product versions
C10
Reset capacitor
10 μF +/-10%
Optional capacitor for all product versions
L1
DC/DC converter input inductance
10 μH +/- 10%
Min rated current : 200 mA
Min rated freq. : 4 MHz
All product versions.
Qualified component : Murata LQH32CN100K21L
If DC/DC converter is not used at 5V, this inductance is optional.
Q1
Crystal
8.0000 Mhz +/- 2500 ppm
only
ESR max : 100
Ω
All product versions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com