Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5122DS-RDTUM Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT89C5122DS-RDTUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5122DS-RDTUM Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT89C5122DS-RDTUM Datasheet HTML 21Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 22Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 23Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 24Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 25Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 26Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 27Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 28Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 208 page
background image
25
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
When pin EA =1 and after the reset, the MCU begins the execution of the embedded
bootloader from location F800h of the ROM. The bootloader implements an In-System
Programming (ISP) mode which manages the transfer of the code in the volatile Pro-
gram Memory (CRAM).
For CRAM version, the code is supplied by the ATMEL’s FLexible In-system Program-
ming software (FLIP) through USB or UART interface
For E2PROM version, the code is supplied from the internal code E2PROM or by FLIP.
The state of pin P3.7 at reset determines the code source. If P3.7=1 (reset condition)
the source is the internal E2PROM and the transfer takes about 1.5 seconds. If P3.7=0
the source is FLIP and the transfer time depends mainly on external conditions not
related to bootloader.
Once the code is running in CRAM, the roll-over condition (code fetched beyond
address 7FFFh) depends on the state of ENBOOT bit of AUXR1 register (Table 6 on
page 23).
If ENBOOT=1 (reset condition) the MCU fetches the code from bootloader ROM. If
ENBOOT=0, the MCU fetches the code from the external Program Memory. In this last
case, PSEN is activated and Ports P0 and P2 are used to emit data and address
signals.
Warning
: external Program Memory access is not allowed on Low Pin Count
Packages.
7FFFh
0000h
7EFFh
7F00h
Reserved
User code
Bootloader
FFFFh
P3.7
AT8xC5122 Microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com