Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5122DS-RDTUM Datasheet(PDF) 42 Page - ATMEL Corporation

Part # AT89C5122DS-RDTUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5122DS-RDTUM Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button AT89C5122DS-RDTUM Datasheet HTML 38Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 39Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 40Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 41Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 42Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 43Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 44Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 45Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 208 page
background image
42
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Figure 19.
Clock Tree Diagram
CPU and Peripheral Clocks
Two clocks sources are available for CPU and peripherals:
–
on-chip oscillator
–
a derivative of the PLL clock.
These clock sources are configured by the PR1 prescaler to generate the CPU core
CK_CPU and the peripheral clocks:
–
CK_IDLE for alternate card and peripherals registers access
–
CK_T0 for Timer 0
–
CK_T1 for Timer 1
–
CK_SI for the UART
–
CK_WD for the Watchdog Timer
–
CK_SPI for SPI
Alternate
Card
XTAL1
XTAL2
PD
PCON.1
96 MHz
EXT48
PLLCON.2
0
1
0
1
CKS
CKSEL.0
0
1
X2
CKCON0.0
PR1
CKRL[3:0]
IDL
PCON.0
DC/DC
PR4
PR2
CK_IDLE
PR3
Converter
1/2
CK_USB
0
1
CK_ISO
CK_CPU
CK_XTAL1
CK_PLL
DCCKPS[3:0]
SCICLK[5:0]
SCSR[3:2]
1
0
PeriphX2
CKCON0.X or
1
0
X2
CKCON0.0
CK_T0
Peripherals
CK_T1
CK_SI
CK_WD
CK_SPI
CK_PERIPH
CK_IDLE
CK_IDLE
PLLEN
PLLCON.1
CK_XTAL1
CK_PLL
CK_PLL
CK_XTAL1
CK_XTAL1
PERIPH = T0, T1, SI, WD or SPI
CKCON1.0
XTSCS
SCICLK.7
CPU
SCIB
USB
PLL
CK_DCDC
1/2
SCICLK[5:0]
=48
<48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com