Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM9708 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATSAM9708
Description  128-voice Integrated Sound Synthesizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9708 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATSAM9708 Datasheet HTML 7Page - ATMEL Corporation ATSAM9708 Datasheet HTML 8Page - ATMEL Corporation ATSAM9708 Datasheet HTML 9Page - ATMEL Corporation ATSAM9708 Datasheet HTML 10Page - ATMEL Corporation ATSAM9708 Datasheet HTML 11Page - ATMEL Corporation ATSAM9708 Datasheet HTML 12Page - ATMEL Corporation ATSAM9708 Datasheet HTML 13Page - ATMEL Corporation ATSAM9708 Datasheet HTML 14Page - ATMEL Corporation ATSAM9708 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
11
1772E–DRMSD–10-Apr-06
ATSAM9708
11. Timing Diagrams
All timing conditions: V
CC = 5V, VC3 = 3.3V, tA = 25°C; signals PC_READY, I/O CS16, D0 - D15
with 220 ohms pull-up, 30 pF capacitance; signal PC_IRQ with 470 ohms pull-down, 30 pF
capacitance; all other outputs except X2 and LFT load capacitance = 30 pF. All timings refer to
t
CK, which is the internal master clock period. The internal master clock frequency is 4 times
the frequency at pin X1; therefore, t
CK = tXTAL/4. The sampling rate is given by 1/(tCK * 1024).
The maximum crystal frequency/clock frequency at X1 is 12.288 MHz (48 kHz sampling rate).
11.1
PC Host Interface
Figure 11-1. Host Interface Read Cycle
Note:
PC_D[15:8] valid only if PC_A[2:1] = 10.
Figure 11-2. Host Interface Write Cycle
Note:
PC_D[15:8] valid only if PC_A[2:1] = 10.
PC_A[2:0]
PC_CS
PC_RD
PC_ READY
PC_IO16
PC_D[15:0]
tAVCS
tCSLRDL
tPRD
tRDHCSB
tRDLIORL
tPIOR
tCSLIOCS
tIORHDV
tCSHIOCS
tRDLDV
tRDH
tAVCS
tCSLWRL
tPWR
tWRHCSB
tWRLIORL
tPIOR
tCSLIOCS
tIORHWRH
tCSHIOCS
tDWS
tDWB
PC_A[2:0]
PC_CS
PC_WR
PC_ READY
PC_IO16
PC_D[15:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com