Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM9708 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATSAM9708
Description  128-voice Integrated Sound Synthesizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9708 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATSAM9708 Datasheet HTML 1Page - ATMEL Corporation ATSAM9708 Datasheet HTML 2Page - ATMEL Corporation ATSAM9708 Datasheet HTML 3Page - ATMEL Corporation ATSAM9708 Datasheet HTML 4Page - ATMEL Corporation ATSAM9708 Datasheet HTML 5Page - ATMEL Corporation ATSAM9708 Datasheet HTML 6Page - ATMEL Corporation ATSAM9708 Datasheet HTML 7Page - ATMEL Corporation ATSAM9708 Datasheet HTML 8Page - ATMEL Corporation ATSAM9708 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5
1772E–DRMSD–10-Apr-06
ATSAM9708
Note:
1. Memory group pins are powered by VCC2 power rail.
Note:
1. X2 cannot be used to drive external circuitry.
RAS
1
I/O
DRAM/SDRAM row address strobe. At the end of reset RAS is tested to
determine memory type configuration (pulled high to select SDRAM type). RAS
should be pulled to VCC or GND through an external 10K resistor.
CAS
1
I/O
DRAM/SDRAM column address strobe. At the end of reset CAS is tested to
determine memory type configuration (pulled high to select DRAM type). CAS
should be pulled to VCC or GND through an external 10K resistor.
REFRESH
1
I/O
Indicates that a DRAM/SDRAM memory refresh cycle is in progress. To be
used with multiple SIMM/DIMM modules to force refresh simultaneously on all
modules. At the end of reset REFRESH is tested to select bootstrap state
(pulled high to start built-in CPU bootstrap in case of ROMless applications).
Table 3-4.
Memory Group
(1) (Continued)
Name
Pin Count
Type
Function
Table 3-5.
Miscellaneous Group
Name
Pin Count
Type
Function
LFT
1
ANA
PLL low pass filter. Should be connected to an external RC network.
TEST
1
IN
Test pin. Should be returned to GND.
LDTEST
1
IN
Test pin. Should be returned to GND.
PDWN
1
IN
Power down, active low
RESET
1
IN
Master reset input, active low. Schmidt trigger input.
X1, X2(1)
2–
Crystal connection. Crystal frequency should be fS x 256 (typ 11.2896 MHz).
Crystal frequency is internally multiplied by 4 to provide the IC master clock. X1
can also be used as external clock input (3.3V input).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com