Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM9708 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATSAM9708
Description  128-voice Integrated Sound Synthesizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9708 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATSAM9708 Datasheet HTML 1Page - ATMEL Corporation ATSAM9708 Datasheet HTML 2Page - ATMEL Corporation ATSAM9708 Datasheet HTML 3Page - ATMEL Corporation ATSAM9708 Datasheet HTML 4Page - ATMEL Corporation ATSAM9708 Datasheet HTML 5Page - ATMEL Corporation ATSAM9708 Datasheet HTML 6Page - ATMEL Corporation ATSAM9708 Datasheet HTML 7Page - ATMEL Corporation ATSAM9708 Datasheet HTML 8Page - ATMEL Corporation ATSAM9708 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
3
1772E–DRMSD–10-Apr-06
ATSAM9708
3.
Pin Description by Function
Notes:
1. ISA bus group pins are powered by V
CC1 power rail.
2. PC_D pads have 4 mA drive capabilities; other output pads have 16 mA drive capabilities.
3. To interface with PC ISA bus, VCC1 should be connected to 5V power and PC_D bus should be buffered. Direction is given by
PC_RD signal.
4. Pin Names in this document exhibiting an overbar (PC_CS for example) indicates that the signal is active low.
Table 3-1.
Power Group
Name
Pin Count
Type
Function
GND
19
PWR
Power Ground. All GND pins should be returned to digital ground.
VC3
8
PWR
Core Power, +3.3V nominal (3V to 4.5V). All VC3 pins should be returned to
+3.3V.
VCC1
5
PWR
Pad (except Memory Pad) Power, +3.0V to +5.5V. All VCC pins should be
returned to +5V (or 3.3V in case of single 3.3V supply).
VCC2
5
PWR
Memory Pad Power, +3.0V to +5.5V. All V
CC pins should be returned to +5V (for
RAM or DRAM) or 3.3V (for SDRAM or 3.3V ROM).
Table 3-2.
ISA Bus Group
(1)
Name
Pin Count
Type
Function
PC_D[15:0](2, 3)
16
I/O
16-bit data bus to host processor.
Information on these pins is:
- 2 x parallel MIDI (MPU-401 type applications)
- 2 x high-speed burst data transfers to/from external memory
PC_A[2:0]
3
IN
Selects one of 8 internal registers:
0, 1: MPU-401 register processor #1
2, 3: Burst data (16-bit) processor #1
4 - 5: MPU-401 register processor #2
6 - 7: Burst data (16-bit) processor #2
PC_CS(4)
1
IN
Chip select from host, active low.
PC_WR
1
IN
Write from host, active low.
PC_RD
1
IN
Read from host, active low.
PC_READY
1
TSout
Open drain output buffer. Driven low during 16-bit burst mode transfers to
synchronize host to the ATSAM9708 memory.
PC_IO16
1TSout
Open drain output buffer; driven low during 16-bit burst mode transfers.
Indicates to host that a 16-bit I/O is in progress.
PC_IRQ
1
TSout
Tri-state output pin, active high. Can be connected directly to host PC_IRQ line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com