Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM9708 Datasheet(PDF) 20 Page - ATMEL Corporation

Part # ATSAM9708
Description  128-voice Integrated Sound Synthesizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9708 Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button ATSAM9708 Datasheet HTML 16Page - ATMEL Corporation ATSAM9708 Datasheet HTML 17Page - ATMEL Corporation ATSAM9708 Datasheet HTML 18Page - ATMEL Corporation ATSAM9708 Datasheet HTML 19Page - ATMEL Corporation ATSAM9708 Datasheet HTML 20Page - ATMEL Corporation ATSAM9708 Datasheet HTML 21Page - ATMEL Corporation ATSAM9708 Datasheet HTML 22Page - ATMEL Corporation ATSAM9708 Datasheet HTML 23Page - ATMEL Corporation ATSAM9708 Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
20
1772E–DRMSD–10-Apr-06
ATSAM9708
15. External RAM Timing
Figure 15-1. 16-bit SRAM Read Cycle
Figure 15-2. 16-bit SRAM Write Cycle
Table 15-1.
External 16-bit SRAM Timing Parameters
Symbol
Parameter
Min
Typ
Max
Unit
tRC
Read cycle time
6 x tCK
ns
t
AOE
Address valid to WOE low
t
CK
ns
tPOE
Output enable pulse width
5 x tCK
ns
t
AD
Address access time
6 x t
CK - 5
ns
t
OE
Output enable access time
5 x t
CK - 5
ns
tDF
Chip select or WOE high to input data High Z
0
tCK - 5
ns
tRC
tAOE
tPOE
tOE
tAD
tDF
WA[26:0]
WD[15:0]
WCS1
WOE
WWE
tWC
tCSWE
tWP
tDW
tDH
WA[26:0]
WD[15:0]
WCS1
WOE
WWE
tOEWE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com