Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM9708 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # ATSAM9708
Description  128-voice Integrated Sound Synthesizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9708 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button ATSAM9708 Datasheet HTML 8Page - ATMEL Corporation ATSAM9708 Datasheet HTML 9Page - ATMEL Corporation ATSAM9708 Datasheet HTML 10Page - ATMEL Corporation ATSAM9708 Datasheet HTML 11Page - ATMEL Corporation ATSAM9708 Datasheet HTML 12Page - ATMEL Corporation ATSAM9708 Datasheet HTML 13Page - ATMEL Corporation ATSAM9708 Datasheet HTML 14Page - ATMEL Corporation ATSAM9708 Datasheet HTML 15Page - ATMEL Corporation ATSAM9708 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
12
1772E–DRMSD–10-Apr-06
ATSAM9708
Notes:
1. When data is already loaded into internal ATSAM9708 output register. In this case PC_READY stays high during the read
cycle.
2. PC_READY goes into low only if the data is not ready to be loaded into/read from internal ATSAM9708 register. 128 t
ck cor-
responds to a single worst-case situation. At fCK = 12.288 MHz, PC_READY is likely to never go low when using standard
ISA bus timing.
3. PC_IO16 is asserted low by ATSAM9708 if A2A1 = 10 to indicate fast 16-bit ISA bus transfer to the PC.
Table 11-1.
PC Host Interface Timing Parameters
Symbol
Parameter
Min
Typ
Max
Unit
tAVCS
Address valid to chip select low
0
ns
t
CSLDRL
Chip select low to PC_RD low
5
ns
tRDHCSH
PC_RD high to PC_CS high
5
ns
tPRD
PC_RD pulse width
50
ns
t
RDLDV
Data out valid from PC_RD (1)
20
ns
tDRH
Data out hold from PC_RD
510
ns
tRDLIORL
PC_READY low from PC_RD (2)
010
ns
t
PIRO
PC_READY pulse width (2)
128
t
ck
tIORHDV
PC_READY rising to data out valid (2)
0ns
tCSLIOCS
PC_IO16 low from PC_CS low (3)
020
ns
t
CSHIOCS
PC_IO16 high from PC_CS high (3)
020
ns
tCSLWRL
PC_CS low to PC_WR low
5
ns
tWRHCSH
PC_WR high to PC_CS high
5
ns
t
PWR
PC_WR pulse width
50
ns
tWRLIORL
PC_READY low from PC_WR low (2)
010
ns
tIORHWRH
PC_READY high to PC_WR high (2)
5ns
t
DWS
Write data setup time
10
ns
tDWH
Write data hold time
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com